PWHM1010-R10
AI

The **PWHM1010-R10** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Technical Specifications
The part number typically follows a standard nomenclature for high-current molded inductors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (R10) | Low inductance for high-frequency switching. |
| **Tolerance** | ±20% (M) | Standard tolerance for power inductors. |
| **Package Size** | 10.0 x 10.0 mm | Approximate footprint size. |
| **Current Rating (Isat)** | ~40A - 60A | Saturation current depends on the specific manufacturer (e.g., Cyntec or Bourns). |
| **DC Resistance (DCR)** | Very Low (< 1.0 mΩ) | Minimizes power loss and heat generation. |
| **Operating Temp** | -40°C to +125°C | Standard industrial/automotive range. |
---
### 2. Key Internal Components
The PWHM1010 series is designed as a **Molded Power Inductor**, which consists of several specialized layers:
1. **Magnetic Core (Iron Powder/Alloy):** The "M" in the construction often refers to a metal powder molding. This material allows for soft saturation (the inductance doesn't drop off instantly as current increases).
2. **Flat Wire Coil:** Unlike standard round wires, these often use flat copper wire. This increases the surface area, reducing the "Skin Effect" at high frequencies and lowering DCR.
3. **Shielding:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) to surrounding components.
---
### 3. Application Use Cases
Because of its very low inductance (0.10µH) and high current capacity, this part is used in:
* **VRMs (Voltage Regulator Modules):** Found on PC motherboards and servers to step down high currents for CPUs/GPUs.
* **High-Frequency DC-DC Converters:** Ideally suited for switching frequencies above 500 kHz.
* **Battery Powered Systems:** Used in high-efficiency mobile or portable equipment where heat dissipation must be minimized.
---
### 4. Comparison with Standard Inductors
Compared to traditional ferrite-core inductors, the PWHM1010-R10 offers:
* **Higher Current Density:** Smaller footprint for the same amount of current.
* **Acoustic Quietness:** The molded construction minimizes "coil whine" caused by magnetostriction.
* **Durability:** Better resistance to thermal shock and mechanical vibration.
- ⤷What is the difference between soft saturation and hard saturation in inductors?
- ⤷ How does flat wire winding improve efficiency in high-current inductors?
- ⤷ Which manufacturers produce equivalents to the PWHM1010-R10?