công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PWC2010AS-RFI

  • AI
    The **PWC2010AS-RFI** refers to a specific variation of a **Pulse Withstanding Chip Resistor** (PWC series), typically manufactured by companies like TT Electronics/Welwyn. This component is engineered to handle high-energy surges that would standardly destroy a general-purpose thick film resistor. --- ## 1. Technical Specifications The "PWC2010AS" designation provides specific information about the physical and electrical characteristics of the part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | PWC | Pulse Withstanding Chip | | **Case Size** | 2010 | Metric equivalent 5025 (5.0mm x 2.5mm) | | **Power Rating** | 0.75W | Nominal power dissipation at 70°C | | **Resistance Range** | Varies (e.g., 1Ω to 10MΩ) | Check specific R-value suffix | | **Tolerance** | Usually 0.5% to 5% | Precision levels available | | **Suffix (RFI)** | Lead-Free/RoHS | Indicates compliance with environmental standards | --- ## 2. Key Electronic Features ### Pulse Handling Capability Unlike standard resistors, the PWC series uses a specialized **thick film ink** and a specific laser trimming pattern. Standard resistors often use a "L-cut" which creates hot spots; the PWC series uses techniques to distribute the pulse energy across the entire surface area, preventing localized overheating. ### Voltage Withstanding The 2010 package is rated for higher isolation and working voltages compared to smaller 0805 or 1206 packages. This makes it suitable for: * **Limiting Inrush Current:** Handling the initial spike when capacitors charge. * **Protection:** Acting as a sacrificial or robust element in lightning strike or ESD-prone circuits. ### Thermal Performance The 2010 footprint provides a large solder pad area, which aids in **thermal conduction** from the resistive element to the PCB copper planes, allowing for better heat dissipation during repetitive pulsing. --- ## 3. Circuit Application Example In a power supply design, this part might be used as a sense resistor or a snubber component. ```cpp // Logic for selecting a PWC resistor in a circuit if (pulse_energy > standard_resistor_limit) { use_component("PWC2010AS"); ensure_pad_size("5.0mm x 2.5mm"); check_operating_temp("-55C to +155C"); } ``` --- ## 4. Part Number Breakdown * **PWC:** Pulse Withstanding Chip. * **2010:** Package size (0.20 x 0.10 inches). * **AS:** Anti-Sulfur (often implied in modern AS series for harsh environments). * **RFI:** Refers to the packaging or RoHS compliance status (Tape & Reel, Lead-Free).
    ✨ Follow-up Questions
    • ⤷ How does the pulse energy rating of the PWC2010 compare to a standard 2010 resistor?
    • ⤷ What are the common failure modes for pulse-withstanding resistors?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?