PWC-1206LF-R-D
AI

The **PWC-1206LF-R-D** is a specialized electronic component categorized as a **Pulse Withstanding Thick Film Chip Resistor**. It is designed to handle high-energy surges that would typically damage standard thick film resistors.
---
### 1. Component Breakdown
The part number follows a specific nomenclature used by manufacturers (typically **Welwyn/TT Electronics**):
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PWC** | Series | Pulse Withstanding Chip |
| **1206** | Case Size | Imperial dimensions (approx. 3.2mm x 1.6mm) |
| **LF** | Termination | Lead-Free (RoHS Compliant) |
| **R** | Ohmic Value | Represents the decimal point (e.g., 10R0 = 10Ω) |
| **D** | Tolerance | Indicates a **±0.5%** resistance tolerance |
---
### 2. Key Technical Specifications
Based on the standard 1206 PWC series data, the typical electrical characteristics include:
* **Power Rating:** Generally 0.33 Watts (1/3W) at 70°C.
* **Maximum Voltage:** Approximately 200V (continuous).
* **Pulse Capability:** Engineered to withstand significantly higher peak power during short-duration pulses (surges) compared to standard resistors.
* **Technology:** Thick film resistive element on a high-grade ceramic substrate.
---
### 3. Comparison: PWC vs. Standard Resistors
Standard resistors often fail during a power surge because the resistive layer "hotspots" and cracks. The PWC series utilizes a specific geometry and material composition to distribute heat more evenly.
| Feature | Standard 1206 Resistor | PWC-1206 |
| :--- | :--- | :--- |
| **Pulse Tolerance** | Low (prone to open-circuit) | High (designed for surge) |
| **Stability** | Moderate | High stability under load |
| **Applications** | General pull-up/down | Protection circuits, Power supplies |
---
### 4. Typical Applications
* **Power Supply Input/Output:** Limiting inrush current.
* **Circuit Protection:** Acting as a "fusible" element or snubber.
* **Automotive Electronics:** Handling transients in vehicle power rails.
* **Medical Equipment:** Ensuring reliability in sensitive monitoring gear.
- ⤷
What is the maximum peak pulse power this specific 1206 resistor can handle?
- ⤷ How does the 'D' tolerance (0.5%) impact its performance in high-surge applications?
- ⤷ Are there alternative series from other manufacturers like Vishay or Yageo that match this spec?