PW10WW-R100
AI

The **PW10WW-R100** is a specific type of high-power wirewound resistor. These components are designed to dissipate significant amounts of heat and are typically used in power supplies, motor controllers, and industrial equipment.
### 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer (often associated with brands like RCD Components), the code generally breaks down as follows:
| Component Code | Meaning | Description |
| :--- | :--- | :--- |
| **PW** | Power Wirewound | Indicates the construction type (wire wound around a ceramic core). |
| **10** | 10 Watts | The power rating of the resistor at standard ambient temperature. |
| **WW** | Vertical Mount | Often indicates a specific physical style (e.g., vertical "boat" or radial leads). |
| **R100** | 0.100 Ohms | The resistance value ($R$ acts as a decimal point). |
---
### 2. Key Technical Specifications
Below are the typical electronic characteristics for this part:
* **Resistance:** 0.1 $\Omega$ (very low resistance, used for current sensing or shunting).
* **Power Rating:** 10 Watts (Requires adequate airflow or spacing to prevent overheating).
* **Tolerance:** Typically ±5% or ±10%, though precision versions exist.
* **Construction:**
* **Core:** High-grade ceramic for thermal stability.
* **Element:** Resistive alloy wire (such as Nichrome).
* **Encapsulation:** Ceramic "casket" or flameproof coating to withstand high temperatures.
---
### 3. Electronic Functions
Because this is a low-resistance, high-power part, it is usually found in the following circuit roles:
1. **Current Sensing:** Placed in series with a load. By measuring the small voltage drop across the $0.1 \Omega$ resistance, a controller can calculate the current ($I = V/R$).
2. **Inrush Current Limiting:** Used to protect sensitive components from a surge of electricity when a device is first turned on.
3. **Bleeder Resistor:** Used in large power supply filters to safely discharge capacitors when power is removed.
4. **Voltage Dropping:** Reducing voltage for specific high-power sub-circuits.
---
### 4. Comparison with Standard Resistors
| Feature | Standard Carbon Resistor | PW10WW-R100 |
| :--- | :--- | :--- |
| **Power Handling** | 0.25W - 0.5W | 10W |
| **Heat Resistance** | Low | High (Up to 275°C) |
| **Size** | Small (Millimeters) | Large (Rectangular block) |
| **Inductance** | Low | Higher (due to wire coils) |
- ⤷
What are the physical dimensions of a 10W wirewound resistor?
- ⤷ How does the 'inductance' of a wirewound resistor affect AC circuits?
- ⤷ Can this resistor be mounted directly onto a PCB without heat sinks?