AI

The **PV10X-R10** is a high-performance, integrated brushless gimbal camera system, typically used in unmanned aerial vehicles (UAVs) for surveillance and inspection. It combines a 10x optical zoom camera with a 3-axis stabilized gimbal.
Below is an explanation of its core electronic components and specifications.
---
### 1. Optical & Sensor Specifications
The heart of the PV10X-R10 is its imaging module, which handles light intake and digital conversion.
| Component | Specification |
| :--- | :--- |
| **Image Sensor** | 1/3" CMOS (approx. 4 Megapixels) |
| **Optical Zoom** | 10x Optical Zoom (f=4.7 to 47mm) |
| **Digital Zoom** | Supports up to 12x digital magnification |
| **Resolution** | Full HD (1920 x 1080) at 30/60 fps |
| **Focus Speed** | High-speed Auto Focus (<1 second) |
### 2. The 3-Axis Gimbal System
The gimbal electronics ensure that the footage remains stable regardless of the drone's vibration or movement.
* **Motors:** High-precision Brushless DC (BLDC) motors control the **Pitch, Roll, and Yaw** axes.
* **Encoders:** Integrated magnetic encoders provide feedback to the controller regarding the exact position of the camera.
* **IMU (Inertial Measurement Unit):** An onboard sensor containing accelerometers and gyroscopes to detect motion at millisecond intervals.
### 3. Control Interface & Connectivity
The "electronic brain" of the unit manages communication between the operator and the camera hardware.
| Interface Type | Function |
| :--- | :--- |
| **Control Signal** | Supports S.Bus, Serial (TTL), and PWM protocols. |
| **Video Output** | HDMI (Micro) and/or Ethernet (RTSP/UDP) for digital downlink. |
| **Storage** | MicroSD card slot (usually supporting up to 128GB, Class 10). |
| **Power Input** | Typically 3S to 4S LiPo compatible (approx. 12V - 16V). |
### 4. Advanced Electronic Features
* **Target Tracking:** Many versions of the PV10X-R10 firmware include an onboard AI chip for "Object Tracking," allowing the gimbal to follow a moving vehicle or person autonomously.
* **OSD (On-Screen Display):** Overlays GPS coordinates, zoom levels, and gimbal angles directly onto the video feed.
* **Heat Dissipation:** The housing usually acts as a heat sink for the image processor, which generates significant heat during 1080p encoding.
---
### Summary of Wiring
Most PV10X-R10 units utilize a standardized pinout for integration:
```yaml
Red: Power (VCC 12V)
Black: Ground (GND)
White: RX (Serial Data)
Blue: TX (Serial Data)
Yellow: PWM/S.Bus Signal
```
- ⤷
How do I configure the S.Bus settings for the PV10X-R10?
- ⤷ What is the maximum power consumption of the gimbal during high-speed tracking?
- ⤷ Is the PV10X-R10 compatible with MAVLink protocol for ArduPilot integration?