PV10P-R100
AI

The **PV10P-R100** is a specific model of a precision multi-turn trimmer potentiometer (often called a "trimpot") manufactured by **Murata**. It is an electromechanical component used to adjust resistance within a circuit to tune or calibrate performance.
---
### 1. Technical Specifications
The model name follows a specific nomenclature that defines its electrical and physical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 100 Ohms | Indicated by "101" or "R100" |
| **Tolerance** | ±10% | Standard precision for industrial use |
| **Power Rating** | 0.5 Watts (at 70°C) | Ability to dissipate heat during operation |
| **Adjustment Type** | Top Adjustment | Screw head is accessed from the top |
| **Number of Turns** | multi-turn (typically 25) | Allows for high-resolution fine-tuning |
| **Mounting Type** | Through-hole (PCB) | Standard pins for circuit board insertion |
| **Element Material** | Cermet | Ceramic-metal composite for stability |
---
### 2. Internal Construction
The PV10 series is built for durability and precision. The "P" in the model name usually refers to the pin configuration (terminal arrangement).
* **Wiper Mechanism:** A small metal brush moves along a circular or linear resistive track as the screw is turned.
* **Housing:** Usually made of flame-retardant plastic, sealed to withstand soldering heat and cleaning solvents (O-ring sealed).
* **Clutch Mechanism:** Most multi-turn pots include an idling clutch at the end of the travel to prevent mechanical damage if turned too far.
---
### 3. Pinout Diagram (Typical)
The PV10P typically features a 3-pin triangular or inline layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Terminal 1 | Fixed end of the resistor |
| **2** | Wiper | The adjustable contact (variable voltage/resistance) |
| **3** | Terminal 2 | Fixed end of the resistor |
---
### 4. Common Applications
* **Voltage Dividers:** Setting reference voltages for microcontrollers or op-amps.
* **Sensor Calibration:** Zeroing out offsets in temperature or pressure sensors.
* **Gain Adjustment:** Controlling the gain of an amplifier circuit.
* **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter.
---
### 5. Identification Example
When reading the part number `PV10P-R100`:
* **PV10**: Series name (Industrial grade 1/4" square).
* **P**: Side/Top adjustment style and pin lead shape.
* **100**: The resistance value (100 $\Omega$).
---
- ⤷What is the difference between a cermet and carbon composition trimpot?
- ⤷ How do I test a PV10P-R100 using a multimeter?
- ⤷ Can this component be used in high-vibration environments?