PTPH-4GG-R/CE
AI

The **PTPH-4GG-R/CE** is a specialized high-pressure pressure transducer manufactured by **Nachi-Fujikoshi** (typically used in hydraulic systems). It is designed to convert hydraulic pressure into an analog electrical signal for monitoring and control.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Pressure Transducer (Strain Gauge based) |
| **Rated Pressure** | 35 MPa (approx. 5076 PSI) |
| **Supply Voltage** | 10V DC to 28V DC (standard range) |
| **Output Signal** | 1 to 5V DC (standard for CE series) |
| **Connection Thread** | G1/4 (with O-ring seal) |
| **Electrical Connection** | DIN 43650 Connector (4-pin) |
| **Accuracy Class** | ±0.5% F.S. (Full Scale) |
| **Compliance** | CE Marked (European Safety Standards) |
---
### Key Electronic Components & Operation
The PTPH-4GG-R/CE operates through several internal electronic stages:
#### 1. The Sensing Element (Strain Gauge)
The "heart" of the device is a **Thin-film Strain Gauge** bonded to a stainless steel diaphragm. When hydraulic pressure is applied:
* The diaphragm undergoes microscopic deformation.
* The electrical resistance of the strain gauge changes proportionally to the mechanical stress.
#### 2. Signal Conditioning Circuitry
Because the raw change in resistance is very small (millivolts), internal electronics perform the following:
* **Amplification:** Boosts the millivolt signal to a stable 1–5V range.
* **Temperature Compensation:** Uses thermistors to ensure the reading remains accurate even as the hydraulic oil temperature fluctuates.
* **Filtering:** Removes "noise" or electrical interference caused by nearby hydraulic pumps or motors.
#### 3. Output Configuration
The **"R/CE"** suffix indicates specific compliance and output characteristics:
* **R:** Indicates a specific pressure range or connector orientation common in Nachi's "R" series valves.
* **CE:** Confirms the unit is shielded against Electromagnetic Interference (EMI), making it safe for use in industrial environments with high electrical noise.
---
### Wiring Configuration (Typical DIN Connector)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Power (+) | Positive input (10-28V) |
| **2** | Common (-) | Ground / 0V |
| **3** | Output (+) | 1-5V Signal Output |
| **4/Case** | Shield / PE | Earth Ground (Protective) |
---
### Application Note
This part is commonly found integrated with **Nachi PZS** or **PVS** series piston pumps. It provides real-time feedback to a PLC (Programmable Logic Controller) to maintain constant pressure or to trigger safety shutdowns if pressure exceeds 35 MPa.
- ⤷
What is the pinout diagram for the DIN connector on this model?
- ⤷ Can this transducer be used with a 4-20mA controller interface?
- ⤷ What are the common failure symptoms for a PTPH series sensor?