công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PTPH-1AA-R/CE

  • AI
    The **PTPH-1AA-R/CE** is a specialized electronic component, specifically a **high-precision pressure sensor/transducer**. These devices are typically used in industrial automation, HVAC systems, or medical equipment to measure gas or liquid pressure and convert it into an electrical signal. --- ### 1. Technical Specifications The following table outlines the typical technical parameters for this class of pressure transducer: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Piezoresistive Pressure Transducer | | **Pressure Range** | Varies (Typically 0-10 bar or 0-16 bar depending on variant) | | **Output Signal** | Analog (Voltage or mA) | | **Supply Voltage** | 5V DC or 12-24V DC | | **Connection Type** | Circular Connector or Lead Wires | | **Housing Material** | Stainless Steel or High-Grade Polymer | | **Accuracy** | ±0.5% to ±1% Full Scale | --- ### 2. Key Internal Components To understand the "electronic parts" of the PTPH-1AA-R/CE, it is necessary to look at its architecture: * **Piezoresistive Element:** The "heart" of the sensor. It consists of a diaphragm with integrated resistors. When pressure is applied, the diaphragm deforms, changing the resistance (the piezoresistive effect). * **Wheatstone Bridge:** The resistors are arranged in a bridge circuit to maximize sensitivity and minimize the effects of temperature. * **Signal Conditioning ASIC:** An internal Integrated Circuit (IC) that amplifies the tiny millivolt signals from the bridge into a usable industrial output (like 0-5V or 4-20mA). * **EMC Protection:** Includes capacitors and varistors to protect the internal electronics from Electromagnetic Interference (EMI) and voltage spikes. --- ### 3. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (often associated with brands like Sensata or specialized industrial suppliers), the suffix often denotes specific characteristics: 1. **PTPH:** Series designation (High-performance Pressure Transducer). 2. **1AA:** Typically refers to the pressure port type (e.g., G1/4 thread) and the electrical interface. 3. **R:** Often stands for **Relative (Gauge) Pressure**, meaning it measures pressure relative to atmospheric pressure. 4. **CE:** Indicates compliance with European Safety, Health, and Environmental protection standards. --- ### 4. Typical Wiring Diagram The electronic interface usually follows a standard 3-wire or 2-wire configuration: ```cpp // 3-Wire Configuration Example: [ Red ] -> Vcc (Power Supply +) [ Black ] -> GND (Common Ground) [ White ] -> Vout (Signal Output 0.5V - 4.5V) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the PTPH-1AA-R/CE model?
    • ⤷ Which industries commonly use this specific transducer?
    • ⤷ How do I calibrate the analog output for a PLC input?