PTPH-15G-R/Q
AI

The **PTPH-15G-R/Q** is a high-precision, industrial-grade **Pressure Transducer/Transmitter** (specifically often associated with brands like Sensata or specialized hydraulic sensor manufacturers). It is designed to convert physical fluid or gas pressure into a standardized electrical signal.
---
### 1. Key Technical Specifications
The "PTPH" series usually indicates a High-Pressure sensor designed for rugged environments.
| Feature | Typical Specification |
| :--- | :--- |
| **Pressure Range** | 0 to 15 G (Giga-pascals) or 15 bar (model dependent) |
| **Input Voltage** | 8 – 30 VDC |
| **Output Signal** | 4 – 20 mA (Current Loop) or 0 – 10 VDC |
| **Connection Type** | "R/Q" usually denotes a specific M12 or DIN connector |
| **Accuracy** | < ±0.5% Full Scale |
| **Housing Material** | Stainless Steel (304 or 316L) |
---
### 2. Internal Electronic Components
The device is comprised of three main electronic stages:
#### A. Sensing Element (Wheatstone Bridge)
The core is a **Piezoresistive** or **Thin-film strain gauge**. When pressure is applied to the diaphragm, it deforms slightly, changing the resistance of the bridge.
#### B. Signal Conditioning (ASIC)
Because the raw signal from the bridge is in millivolts (mV), an internal **Application-Specific Integrated Circuit (ASIC)** performs:
* **Amplification:** Boosting the signal to a usable level.
* **Temperature Compensation:** Adjusting for resistance changes caused by heat rather than pressure.
* **Linearization:** Ensuring the electrical output is a straight-line representation of the pressure.
#### C. Output Driver
The final stage converts the processed signal into the **R/Q** specific output (often a 4-20mA current loop), which is highly resistant to electromagnetic interference (EMI) over long cable runs.
---
### 3. Wiring Diagram (Typical)
Most sensors in this category follow a standard industrial pinout for the M12 or DIN connectors:
```markdown
Pin 1: V+ (Supply Voltage, 8-30V)
Pin 2: Signal Out (4-20mA or Vout)
Pin 3: GND / Common
Pin 4: Case Ground (Shield)
```
---
### 4. Application Environments
Due to the robust construction of the PTPH series, they are commonly found in:
* **Hydraulic Systems:** Monitoring pump pressures.
* **HVAC/R:** High-pressure refrigerant monitoring.
* **Automotive Testing:** Engine oil and fuel pressure diagnostics.
* **Industrial Automation:** Pneumatic logic control.
---
- ⤷What is the exact pinout for the R/Q connector variant?
- ⤷ Can this sensor handle corrosive fluids like ammonia or acids?
- ⤷ How do I calibrate the zero-point for the 4-20mA signal?