công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PT-RX1000

  • AI
    The **PT-RX1000** refers to a high-performance, professional-grade 1-Chip DLP laser projector, typically part of the Panasonic PT series. Its electronic architecture is designed for 24/7 operation and high-brightness output. --- ### Key Electronic Components | Component Category | Description | Key Feature | | :--- | :--- | :--- | | **Light Engine** | SOLID SHINE Laser Phosphor | Dual-drive laser diodes for redundancy. | | **Imaging Chip** | 0.67" DMD (Digital Micromirror Device) | 1-Chip DLP technology with WUXGA resolution. | | **Cooling System** | Liquid Cooling & Heat Sinks | Maintains electronic stability in high heat environments. | | **Input Circuitry** | DIGITAL LINK / HDMI / DVI-D | Supports HDBaseT™ based signal transmission. | | **Power Supply** | AC-DC Switching Power Supply | High-efficiency unit with surge protection. | --- ### Detailed Electronic Features #### 1. Dual-Drive Laser Optical Engine The electronic heart of the PT-RX1000 is its laser bank. Panasonic uses two discrete light sources grouped into multiple laser diodes. * **Failover Circuitry:** If one laser diode fails, the electronic monitoring system automatically adjusts the power to the remaining diodes to maintain brightness with minimal drop-off. #### 2. Geometry Manager Pro This is an integrated electronic processing suite that handles: * **Edge Blending:** Electronically matching the brightness and color of overlapping images. * **Geometric Correction:** Digital keystone and curved-screen correction handled via a dedicated DSP (Digital Signal Processor). #### 3. DIGITAL LINK (HDBaseT™) The electronics include a specialized receiver board that allows for the transmission of uncompressed Full HD video, audio, and control commands over a single CAT5e/6 cable for up to 150 meters. #### 4. Sensor-Based Protection The projector contains a suite of electronic sensors to ensure longevity: * **Ambient Light Sensor:** Adjusts brightness based on room conditions. * **Thermal Sensors:** Monitors the temperature of the DMD chip and laser diodes to prevent thermal shutdown. --- ### Technical Specifications Summary ```json { "Projector_Type": "1-Chip DLP", "Brightness": "10,000 Lumens", "Light_Source": "Laser Diode", "Resolution": "1920 x 1200 (WUXGA)", "Electronic_Connection": ["HDMI", "DVI-D", "DIGITAL LINK", "RS-232C"] } ```
    ✨ Follow-up Questions
    • ⤷ How does the failover circuitry in the laser engine prevent total blackout?
    • ⤷ What are the advantages of the liquid cooling system for the electronics?
    • ⤷ Can the PT-RX1000 be controlled remotely via a network?