PSE124-R68M
AI

The **PSE124-R68M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It is designed to handle high saturation currents while maintaining a compact surface-mount footprint.
### Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | Typ: ~1.0 mΩ | Max: ~1.2 mΩ |
| **Saturation Current (Isat)** | High (typically 30A - 50A depending on manufacturer) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | ~12.5 x 12.5 x 4.0 mm (Series 124) |
| **Shielding** | Magnetically Shielded |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying its characteristics:
1. **PSE**: Product series code (often refers to high-current power inductors with metal alloy cores).
2. **124**: Physical dimensions. Usually denotes a footprint of approximately **12mm x 12mm** with a height of **4mm**.
3. **R68**: The inductance value. "R" acts as a decimal point. **R68 = 0.68 µH**.
4. **M**: Inductance tolerance. **M = ±20%**.
---
### Key Features and Construction
* **Metal Composite Core:** These inductors usually use a powdered iron or alloy core. This construction allows for "soft saturation," meaning the inductance doesn't drop abruptly when the current exceeds the rated limit.
* **Magnetic Shielding:** The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts near sensitive components.
* **Low DCR:** The use of thick copper wire ensures minimal power loss through heat, maximizing the efficiency of power supplies.
---
### Common Applications
The PSE124-R68M is primarily found in high-efficiency power regulation circuits:
* **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases.
* **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications and industrial equipment.
* **Battery Powered Systems:** Where high efficiency and low heat generation are critical.
* **Automotive Electronics:** Infotainment and ADAS systems requiring robust power components.
- ⤷
What are the main differences between 'soft saturation' and 'hard saturation' in power inductors?
- ⤷ How does the DCR of this inductor affect the overall efficiency of a buck converter?
- ⤷ What are some direct equivalents or competitors for the PSE124 series?