công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSSOXA

  • AI
    It appears you are referring to the **PSC-SSS-OXA**, which is a specialized series of **high-voltage, high-speed solid-state switches** (often categorized under Power Semiconductors or Pulsed Power components) produced by manufacturers like *Behlke*. These components are designed to replace traditional mechanical relays or spark gaps in high-frequency, high-voltage environments. --- ### 1. Core Electronic Composition The "PSC" series typically utilizes a **MOSFET-based** or **IGBT-based** internal architecture. Unlike a single transistor, these devices contain a stack of hundreds of individual power chips to handle extreme voltages. | Component Type | Description | | :--- | :--- | | **Switching Matrix** | A series-parallel arrangement of MOSFETs/IGBTs to distribute voltage and current loads. | | **Driver Circuitry** | Internal fiber-optic or isolated gate drivers that ensure all transistors trigger simultaneously (within nanoseconds). | | **Protection Diodes** | Integrated ultra-fast recovery diodes to prevent damage from back-EMF (Electromotive Force). | | **Cooling Interface** | Often features a ceramic or metal baseplate for thermal management (air or liquid cooled). | --- ### 2. Technical Specifications (General) While specific model numbers can vary slightly in their exact ratings, the **OXA** variant generally follows these parameters: * **Voltage Range:** Typically handles between **1kV and 60kV+** depending on the specific stack height. * **Switching Speed:** Extremely low "Turn-on" time, often in the range of **15 to 50 nanoseconds**. * **Trigger Input:** Usually requires a low-voltage TTL signal (5V) which is then internally isolated. * **Control Type:** Fixed on-time or variable pulse width control. --- ### 3. Key Features The electronic design provides several advantages over older vacuum tubes or mechanical switches: 1. **Galvanic Isolation:** The control side is completely electrically separated from the high-voltage side, often using optocouplers or pulse transformers. 2. **Jitter Reduction:** Because there are no moving parts, the "jitter" (variation in timing) is kept to the sub-nanosecond level. 3. **Inductance:** Designed with low-inductance paths to allow for very steep pulse edges ($dV/dt$). --- ### 4. Common Applications These parts are typically found in high-end scientific and industrial equipment: * **Mass Spectrometry:** For rapid ion extraction. * **Pockels Cell Drivers:** Used in laser Q-switching. * **Radar Systems:** For high-speed pulse modulation. * **Medical Imaging:** High-speed X-ray gating. --- ### 5. Implementation Example (Basic Logic) To trigger a PSC-series switch, a standard pulse generator is connected to the input pins: ```c // Pseudo-logic for a Pulse Generator triggering the OXA switch void triggerPulse(int duration_us) { digitalWrite(TRIGGER_PIN, HIGH); // Send 5V TTL signal to OXA input delayMicroseconds(duration_us); // Hold switch closed digitalWrite(TRIGGER_PIN, LOW); // Open high-voltage circuit } ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for high-voltage solid-state switches?
    • ⤷ How does the OXA model differ from standard MOSFET switches?
    • ⤷ What safety precautions are necessary when integrating these parts into a PCB?