công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSSHOO

  • AI
    It appears you are referring to the **PSP (PlayStation Portable)** series (likely the 1000, 2000, or 3000 models). The electronic architecture of these handheld consoles was revolutionary for its time, blending mobile efficiency with desktop-class graphics capabilities. Below is a breakdown of the primary electronic components found within a typical PSP. ### 1. Main Logic Board Components The motherboard is the heart of the device, containing the custom silicon designed by Sony. | Component | Description | Function | | :--- | :--- | :--- | | **Allegrex CPU** | MIPS R4000-based core | Runs at 1-333 MHz; handles main game logic and OS tasks. | | **Media Engine** | Secondary MIPS R4000 | Dedicated to audio/video decoding to save CPU power. | | **GPU** | Custom Sony Graphics Core | Handles 2D/3D rendering, T&L, and surfacing. | | **eDRAM** | 2MB - 4MB Internal RAM | High-speed memory embedded directly on the chip for video processing. | | **Main RAM** | 32MB (PSP-1000) or 64MB (2000/3000/Go) | System memory for loading game assets. | --- ### 2. Display and Visual Output The display system involves several delicate electronic layers: * **TFT LCD Panel:** A 4.3-inch screen with a resolution of 480 × 272 pixels. * **Backlight Inverter:** A small circuit that converts low-voltage DC to the high voltage required by the CCFL or LED backlight. * **LCD Flex Ribbon:** A multi-pin ribbon cable that carries LVDS (Low-Voltage Differential Signaling) data from the GPU to the screen. ### 3. Storage and Connectivity The PSP utilized specialized proprietary hardware for data management: * **UMD Drive (Universal Media Disc):** A miniature optical drive consisting of a laser pickup lens, a spindle motor, and a worm-gear motor for the laser sled. * **Memory Stick Slot:** A proprietary Sony interface for "Memory Stick Duo" cards (flash storage). * **Wi-Fi Module:** An 802.11b wireless chip connected to an internal antenna for "Ad-Hoc" (local) or "Infrastructure" (online) play. ### 4. Power Management Because it is a portable device, the power circuitry is complex: * **PMIC (Power Management IC):** Controls charging, battery levels, and distributes specific voltages (1.2V, 2.5V, 3.3V) to various chips. * **Fuse Links:** Small surface-mount fuses (often labeled FB or F1) that protect the motherboard from short circuits during charging or screen replacement. --- ### 5. Input and Control Electronics The physical buttons translate to digital signals through: 1. **Conductive Rubber Pads:** When pressed, they bridge a connection on a flexible PCB (printed circuit board). 2. **Analog Stick Potentiometer:** Uses two variable resistors to track X and Y coordinates. 3. **D-Pad/Action Button Flex:** Thin plastic membranes with copper traces that connect to the mainboard via ZIF (Zero Insertion Force) connectors. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PSP-1000 and PSP-3000 internal hardware?
    • ⤷ How does the UMD laser assembly function mechanically?
    • ⤷ Which common electronic component usually fails when a PSP won't turn on?