công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSOSXO

  • AI
    In the world of electronic timing components, **XO**, **VCXO**, **TCXO**, and **OCXO** are all categories of crystal oscillators. While "PSCSSO" is likely a typo or a specific proprietary prefix for a manufacturer, these terms generally refer to **Quartz Crystal Oscillators**. Below is a breakdown of the common types of oscillators and their internal electronic characteristics. --- ## 1. Core Oscillator Types (The "XO" Family) | Type | Full Name | Description | Stability | | :--- | :--- | :--- | :--- | | **XO** | Crystal Oscillator | The standard "Clock" oscillator. Provides a fixed frequency output. | ±50 to ±100 ppm | | **VCXO** | Voltage-Controlled XO | Frequency can be adjusted (tuned) via an external control voltage. | ±20 to ±50 ppm | | **TCXO** | Temperature-Compensated XO | Includes a compensation circuit to counteract temperature drifts. | ±0.5 to ±5 ppm | | **OCXO** | Oven-Controlled XO | The crystal is placed in a heated "oven" to maintain a constant temperature. | ±0.001 to ±0.1 ppm | --- ## 2. Key Electronic Parameters When selecting these parts, engineers look at specific electronic specifications: ### A. Output Logic Levels Oscillators come with different electrical signaling standards depending on the IC they are driving: * **CMOS/LVCMOS:** Most common for low-speed digital circuits. * **LVPECL / LVDS:** Differential signals used for high-speed data (telecom/networking) to reduce noise. * **Clipped Sine Wave:** Often used in TCXOs to minimize power consumption and harmonics. ### B. Phase Jitter and Phase Noise * **Jitter:** Time-domain uncertainty (fluctuations in the timing of the edges). * **Phase Noise:** Frequency-domain uncertainty. High-end oscillators (OCXOs) minimize this to ensure stable data transmission. ### C. Package Sizes (SMD) Modern oscillators are surface-mount devices (SMD). Common metric sizes include: * **2016** (2.0 x 1.6 mm) * **2520** (2.5 x 2.0 mm) * **3225** (3.2 x 2.5 mm) * **7050** (7.0 x 5.0 mm) --- ## 3. Internal Components of an Oscillator An "XO" module is more than just a piece of quartz. It typically contains: 1. **Quartz Crystal Blank:** The mechanical resonator. 2. **Oscillator IC:** An amplifier and feedback loop that keeps the crystal vibrating. 3. **Varactor Diode (VCXO/TCXO only):** Acts as a variable capacitor to tune the frequency. 4. **Voltage Regulator:** Ensures stable internal power despite fluctuations in the external supply. ```cpp // Schematic representation of a simple XO integration // VCC (Power) ---- [ Oscillator Module ] ---- Output (Clock Signal) // | | // Control GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ppm and ppb in oscillator stability?
    • ⤷ When should I choose a TCXO over a standard XO?
    • ⤷ How does an Oven-Controlled Oscillator (OCXO) consume power compared to other types?