PSCSSOSXA
AI

The term **PSCSSOSXA** refers to a high-performance **Surface Mount (SMD) Quartz Crystal Oscillator** manufactured by **Kyocera (AVX)**. Specifically, this part is part of the **KC2520B** series, which is widely used in compact electronics for precise timing.
---
## 1. Component Identification
This part is a **Clock Oscillator**. Unlike a simple crystal (which requires external capacitors and a drive circuit), an oscillator is an integrated module that only requires a power supply to output a stable square wave frequency.
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Kyocera / AVX |
| **Package Size** | 2.5mm x 2.0mm (2520 Metric) |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Pin Count** | 4 Pads |
---
## 2. Key Electronic Features
The PSCSSOSXA (KC2520B series) is characterized by several critical electronic parameters:
### A. Frequency Stability
It provides high-precision timing, typically ranging from **±25ppm to ±100ppm**. This ensures that the digital clock of the device it serves does not drift significantly over time or temperature changes.
### B. Operating Voltage
These oscillators generally operate at low voltages to accommodate modern microcontrollers:
* 1.8V
* 2.5V
* 3.3V
### C. Output Type
It typically outputs a **CMOS logic level** signal. This means the output swings between 0V (Low) and the Supply Voltage (High), making it directly compatible with the clock input pins of CPUs and FPGAs.
### D. Tri-State Function (Enable/Disable)
Pin 1 usually acts as a "Standby" or "Enable" pin.
* **High:** The oscillator functions normally.
* **Low:** The output goes into a high-impedance state, saving power when the device is in sleep mode.
---
## 3. Internal Block Diagram
Internally, the PSCSSOSXA contains three main components:
1. **AT-Cut Quartz Crystal:** The physical resonating element.
2. **Oscillation IC:** The circuit that drives the crystal and maintains the vibration.
3. **Output Buffer:** Ensures the signal is strong enough to drive the rest of the PCB circuit.
---
## 4. Typical Pinout
The standard 2520 package for this part follows this configuration:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | INH / Standby | Enable (High) or Disable (Low) |
| 2 | GND | Ground |
| 3 | Output | Clock Signal Output |
| 4 | Vcc | Power Supply |
---
## 5. Common Applications
Due to its small footprint and high reliability, the PSCSSOSXA is found in:
* **Mobile Devices:** Smartphones and tablets.
* **Networking:** Ethernet switches and routers.
* **Consumer Electronics:** Digital cameras and wearable tech.
* **Industrial:** Embedded controllers and IoT sensors.
- ⤷
What is the exact frequency of the PSCSSOSXA model you are looking at?
- ⤷ How do I calculate the load capacitance for this oscillator?
- ⤷ What are the alternatives to the Kyocera KC2520B series?