công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSOSOB

  • AI
    It appears you are referring to the **PCSOS** (Precision Constant Speed Over-Speed) or similar electronic governor and overspeed protection systems used in industrial engines, turbines, or generators. These systems are critical for maintaining operational stability and preventing catastrophic mechanical failure. --- ### 1. Key Electronic Components The architecture of an overspeed protection system typically consists of sensors, controllers, and actuators. | Component | Function | Description | | :--- | :--- | :--- | | **MPU (Magnetic Pick-Up)** | Speed Sensing | An inductive sensor that detects the passing of gear teeth to measure RPM. | | **Control Unit (ECU/PCB)** | Logic Processing | The "brain" that compares actual speed against the "Set Point." | | **Potentiometers** | Calibration | Adjustable resistors used to set the Idle, Rated Speed, and Gain. | | **Actuator** | Physical Control | An electromagnetic device that moves the fuel rack or throttle valve. | | **Relay/Solenoid** | Emergency Trip | A high-speed switch that cuts fuel or air supply instantly during an overspeed event. | --- ### 2. Operational Logic The electronic system follows a specific closed-loop control cycle: 1. **Input:** The MPU sends a high-frequency AC voltage signal to the controller. 2. **Comparison:** The controller converts the frequency to a DC voltage and compares it to the pre-configured **Overspeed Trip Point**. 3. **Action:** * *Normal:* The controller adjusts the actuator to maintain constant speed. * *Fault:* If speed exceeds the limit (typically 110% of rated), the controller de-energizes the fuel solenoid. --- ### 3. Safety and Redundancy Because an overspeed condition can lead to an explosion or projectile parts, the electronics often include: * **Fail-Safe Logic:** The system is designed to shut down if the MPU signal is lost (Loss of Speed Signal Protection). * **Dual-Channel Sensing:** Using two MPUs to ensure that a single sensor failure doesn't cause a runaway engine. * **Latching Relays:** Once an overspeed trip occurs, the system usually requires a manual electronic reset to ensure a technician inspects the cause. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[Magnetic Pick-Up] -- Frequency --> B(Speed Controller) C[Battery 24VDC] --> B B -- PWM Signal --> D[Actuator] B -- Trip Signal --> E[Fuel Shut-off Solenoid] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing Magnetic Pick-Up (MPU) sensor?
    • ⤷ How do you calibrate the Gain and Stability settings on an electronic governor?
    • ⤷ What is the difference between a mechanical and an electronic overspeed trip?