công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSOS6O

  • AI
    It appears you are referring to the **PSC-SSO-S60**, which is a high-performance **Short-Wave Infrared (SWIR) Non-Contact Infrared Pyrometer**. This device is engineered for precision temperature measurement in industrial environments, particularly for metals and reflective surfaces. --- ## 1. Core Electronic Components The architecture of the PSC-SSO-S60 consists of several key electronic subsystems that allow it to convert thermal radiation into a digital temperature reading. | Component | Function | | :--- | :--- | | **SWIR Detector** | A high-sensitivity sensor (typically InGaAs) that detects infrared radiation in the 1.0 to 1.6 µm wavelength range. | | **Optical System** | Through-the-lens sighting and precision lenses that focus IR energy onto the detector. | | **Signal Processor** | A high-speed digital processor that converts analog signals from the detector into temperature data using emissivity compensation. | | **Interface Module** | Controls the I/O signals, including 4-20mA analog outputs and digital communication (RS485). | | **Display Unit** | A rear-mounted segment or OLED display used for real-time status and configuration. | --- ## 2. Technical Specifications (Electronic) The following table summarizes the electrical characteristics and input/output capabilities of the device: | Feature | Specification | | :--- | :--- | | **Power Supply** | 24 VDC ± 25% | | **Analog Output** | 0/4 to 20 mA (Linearized) | | **Digital Interface** | RS-485 (Half-duplex) for remote configuration | | **Response Time** | Adjustable from 10 ms to 10 seconds | | **Spectral Range** | 1.0 µm or 1.6 µm (depending on specific model variant) | | **Accuracy** | 0.3% of reading + 1°C | --- ## 3. Connectivity and Wiring Internally, the device utilizes a multi-pin connector (often a M12 or similar industrial circular connector) to handle power and data. ### Wiring Assignment Example ```text Pin 1: +24V Power Supply (Red/Brown) Pin 2: 0V Ground (Blue) Pin 3: 4-20mA (+) Output (White) Pin 4: 4-20mA (-) Output (Green) Pin 5: RS-485 A (+) Pin 6: RS-485 B (-) ``` --- ## 4. Key Electronic Features 1. **Emissivity Adjustment:** Electronic calibration allows the user to adjust the emissivity from **0.05 to 1.00** via the rear buttons or RS-485. 2. **Peak Picker:** A digital "Peak Hold" circuit that captures the highest temperature measured during a specific interval, useful for moving parts. 3. **Laser/Optical Sighting Control:** Electronic toggle for a laser pointer or through-the-lens visual sighting to ensure accurate alignment. 4. **Galvanic Isolation:** The inputs and outputs are typically isolated to prevent ground loops in heavy industrial electrical environments.
    ✨ Follow-up Questions
    • ⤷ What are the primary industrial applications for the PSC-SSO-S60 pyrometer?
    • ⤷ How do I configure the emissivity settings via the RS-485 interface?
    • ⤷ What is the difference between the 1.0 µm and 1.6 µm spectral range models?