công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PSCSSOO3O

  • AI
    It appears you are referring to the **PSC-S003-0**, which is a specialized electronic component, typically identified as a **high-precision Hall Effect Current Sensor** or a **Current Transformer module** used in power electronics. These components are designed to measure current without breaking the circuit, providing electrical isolation between the high-current path and the control electronics. --- ### 1. Key Technical Specifications Below is a general breakdown of the electronic characteristics usually associated with this class of sensors: | Parameter | Typical Value / Description | | :--- | :--- | | **Sensor Type** | Closed-loop Hall Effect / Magnetic | | **Rated Current** | Usually 300A to 500A (Model dependent) | | **Supply Voltage** | ±12V to ±15V DC | | **Output Type** | Analog Current (mA) or Voltage (V) | | **Accuracy** | ±0.5% to ±1.0% | | **Isolation Voltage** | 3kV - 6kV AC | | **Response Time** | < 1 microsecond | --- ### 2. Internal Electronic Parts & Architecture The device consists of several critical internal sub-components that allow it to function: 1. **Magnetic Core:** A high-permeability ring (usually ferrite or Mu-metal) that concentrates the magnetic field generated by the primary conductor. 2. **Hall Element:** A semiconductor thin-film placed in the gap of the magnetic core. It generates a small voltage (Hall Voltage) proportional to the magnetic flux. 3. **Compensation Winding (Secondary Coil):** In "Closed-loop" versions, this coil creates an opposing magnetic field to cancel out the flux in the core, maintaining it at zero. The current required to do this is the output signal. 4. **Operational Amplifier (Op-Amp):** An internal integrated circuit that amplifies the tiny Hall voltage to drive the compensation winding. 5. **Burden Resistor (External or Internal):** Converts the output current into a readable voltage for a Microcontroller or PLC. --- ### 3. Application Use-Cases These parts are commonly found in industrial environments where high-power monitoring is required: * **Variable Frequency Drives (VFDs):** To monitor motor phase currents. * **Uninterruptible Power Supplies (UPS):** For battery management and load monitoring. * **Solar Inverters:** To track DC input from panels and AC output to the grid. * **Welding Machines:** To control high-current output precisely. --- ### 4. Connection Diagram (General) ```text [ +V ] --- Positive Supply (+15V) [ -V ] --- Negative Supply (-15V) [ OUT] --- Signal Output (Connect to ADC or Meter) [ GND] --- Common Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between open-loop and closed-loop current sensors?
    • ⤷ How do I calculate the burden resistor for this sensor?
    • ⤷ What are the common failure modes for Hall Effect sensors?