PS83-501A-R2
AI

The **PS83-501A-R2** is a high-precision digital pressure switch manufactured by **Nidec Components** (formerly Copal Electronics). It is designed for industrial automation and monitoring applications.
---
## 1. Technical Specifications
The part number breaks down into specific technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Pressure Range** | -0.1 to 0.5 MPa (Gauge Pressure) |
| **Output Type** | NPN Open Collector (2 Outputs) |
| **Pressure Port** | R2 (R 1/4 thread) |
| **Accuracy** | ±3% F.S. (Full Scale) |
| **Power Supply** | 12 to 24 V DC ±10% |
| **Display** | 3.5 digit LED |
---
## 2. Key Electronic Components & Functions
Inside the PS83-501A-R2, several critical electronic subsystems work together to convert physical pressure into a digital signal:
### A. Diffused Silicon Pressure Transducer
At the heart of the device is a **semiconductor strain gauge**.
* **Function:** When pressure is applied, the silicon diaphragm deforms, changing the electrical resistance (piezoresistive effect).
* **Benefit:** High sensitivity and excellent long-term stability.
### B. Signal Conditioning Circuitry
The raw analog signal from the sensor is very weak. The internal electronics include:
* **Instrumentation Amplifier:** Boosts the millivolt signal from the sensor.
* **Temperature Compensation:** Corrects for errors caused by fluctuations in environmental temperature.
### C. Microcontroller (MCU) & ADC
* **Analog-to-Digital Converter (ADC):** Converts the amplified voltage into a digital value.
* **Control Logic:** Compares the current pressure value against user-defined "Set Points."
### D. Output Driver (NPN Open Collector)
This is the interface to external equipment (like a PLC).
* **Electronic Switch:** It acts like a switch that connects the load to the ground (0V) when the set pressure is reached.
* **Protection:** Usually includes diode protection against inductive kicks from relays.
---
## 3. Connection Pinout
The device typically utilizes a 4-wire configuration:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Vcc | Power supply (+) 12-24V |
| **Blue** | GND | Power supply (Common) |
| **Black** | Output 1 | NPN Open Collector Output |
| **White** | Output 2 | NPN Open Collector Output |
---
## 4. Operational Features
1. **Hysteresis Mode:** Prevents "chattering" (rapid switching) when the pressure fluctuates near the set point.
2. **Window Comparator Mode:** Allows the user to set a range (High/Low) where the output remains active.
3. **Pressure Unit Selection:** Depending on the firmware, it may allow switching between units (kPa, MPa, bar).
- ⤷
How do I wire an NPN output sensor to a PLC with PNP inputs?
- ⤷ What is the difference between gauge pressure and absolute pressure in this model?
- ⤷ What are the common failure modes for piezoresistive pressure sensors?