công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PS5023

  • AI
    The **PS5023** is a high-performance, monolithic Synchronous Buck (Step-Down) Regulator. It is commonly used in consumer electronics to convert a higher input voltage into a lower, stable output voltage with high efficiency. Below is a detailed breakdown of its electronic components, specifications, and internal architecture. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | ~500 kHz | | **Feedback Voltage** | 0.8V (Internal Reference) | | **Efficiency** | Up to 95% | | **Package Type** | SOT-23-6 | --- ### 2. Internal Functional Blocks The PS5023 integrates several critical electronic parts onto a single silicon die: 1. **MOSFET Switches:** It contains both a High-Side and a Low-Side Power MOSFET. Being "Synchronous" means it uses a MOSFET instead of a Schottky diode for the low side, which significantly reduces power loss. 2. **PWM Controller:** A Pulse Width Modulation engine that controls the duty cycle of the switches to maintain a constant output voltage. 3. **Error Amplifier:** Compares the feedback voltage (from the output) against an internal 0.8V reference to adjust the PWM signal. 4. **Soft-Start Circuitry:** Prevents current spikes during power-up by gradually increasing the output voltage. 5. **Protection Circuits:** * **OCP (Over Current Protection):** Limits current to prevent damage during a short circuit. * **OTP (Over Temperature Protection):** Shuts down the chip if it exceeds safe thermal limits (typically ~150°C). * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low to drive the internal gates. --- ### 3. Pin Configuration (SOT-23-6) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference for the IC. | | 2 | **SW** | Switching Node; connects to the external inductor. | | 3 | **VIN** | Input supply voltage (4.5V - 18V). | | 4 | **FB** | Feedback input; connected to a resistor divider to set output voltage. | | 5 | **EN** | Enable pin. Logic high turns the IC on. | | 6 | **BST** | Bootstrap pin. Requires a capacitor to provide gate drive for the high-side MOSFET. | --- ### 4. Typical Application Circuit Components To make the PS5023 functional, it requires the following external electronic parts: * **Inductor (L):** Usually 2.2µH to 10µH. It stores energy during the "on" cycle and releases it during the "off" cycle. * **Input Capacitor ($C_{IN}$):** A low-ESR ceramic capacitor (e.g., 10µF - 22µF) to filter input noise. * **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple. * **Feedback Resistors ($R_1, R_2$):** Form a voltage divider to set the desired output voltage based on the formula: `Vout = 0.8 * (1 + R1/R2)` * **Bootstrap Capacitor ($C_{BST}$):** Usually a 0.1µF ceramic capacitor connected between SW and BST. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a 5V output using the PS5023?
    • ⤷ What are the common alternatives or equivalents to the PS5023 regulator?
    • ⤷ What is the recommended PCB layout strategy to minimize noise for this switching regulator?