PS21661-RZSLASH-FR
AI

The **PS21661-RZ / PS21661-FR** is a high-performance **Intelligent Power Module (IPM)** manufactured by Mitsubishi Electric. It is designed specifically for driving 3-phase brushless DC (BLDC) motors and AC synchronous motors in industrial and high-end consumer applications.
---
### ## Technical Specifications Overview
This module integrates power switching devices with dedicated gate drive ICs in a single package.
| Parameter | Value / Description |
| :--- | :--- |
| **Voltage Rating** | 600V |
| **Current Rating** | 5A |
| **Internal Components** | 6th Generation IGBTs & Free-Wheeling Diodes (FWD) |
| **Configuration** | 3-Phase Inverter Bridge |
| **Control Logic** | 3.3V or 5V CMOS/TTL compatible |
| **Package Type** | Mini DIP-IPM (Dual In-line Package) |
---
### ## Key Electronic Features
#### 1. Integrated Drive Circuitry
The module includes built-in High-Voltage Integrated Circuits (HVICs). These allow the module to be driven directly by a microcontroller (MCU) or Digital Signal Processor (DSP) without the need for external optocouplers or complex level-shifting circuits.
#### 2. Protection Mechanisms
To ensure reliability and prevent component failure, the PS21661 series includes:
* **Over-Current Protection (OCP):** Shuts down the IGBTs if a short circuit or over-current is detected via an external shunt resistor.
* **Under-Voltage Lockout (UVLO):** Monitors both the P-side (high side) and N-side (low side) power supplies to ensure the gates are not driven at inefficient voltages.
* **Fault Output (Fo):** Sends a signal to the controller if a protection event occurs.
#### 3. Bootstrap Functionality
The module supports **Bootstrap Circuitry**, allowing it to operate from a single 15V DC power supply for the gate drive, rather than requiring multiple isolated power sources for the high-side IGBTs.
---
### ## Typical Application Circuit
The following represents a simplified block diagram of how the part is integrated:
```mermaid
graph LR
MCU[Microcontroller] -- PWM Signals --> IPM[PS21661 Module]
IPM -- 3-Phase Output --> Motor[BLDC Motor]
DC_Link[+300V DC] --> IPM
Shunt[Shunt Resistor] -- Feedback --> IPM
```
### ## Differences between -RZ and -FR
While the core electrical specifications remain similar, the suffix usually denotes:
* **RZ:** Often indicates specific lead-frame plating or packaging variations optimized for automated assembly.
* **FR:** Typically indicates compliance with specific environmental standards (like Flame Retardancy) or regional distribution codes.
---
- ⤷What are the recommended heat sink requirements for this 5A module?
- ⤷ How do I calculate the value for the external shunt resistor for over-current protection?
- ⤷ Can this module be used for 220V AC motor control?