công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PS120-R33M-RC

  • AI
    ## PS120-R33M-RC Electronic Component Overview The **PS120-R33M-RC** is a high-current, surface-mount (SMD) power inductor. It is designed for use in power conversion circuits, specifically in high-frequency DC-DC converters and voltage regulator modules (VRMs). ### 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of this component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH (330 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current ($I_{sat}$)** | Very High (typically 40A - 60A+) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Compliant** | Yes (indicated by 'RC') | --- ### 2. Key Features and Construction * **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical in densely packed PCB designs. * **High Saturation:** It uses a composite powder core that allows for soft saturation, meaning the inductance decreases gradually rather than abruptly when current increases. * **Low DCR:** The use of flat wire or heavy-gauge copper reduces DC resistance, leading to higher efficiency and less heat generation. * **Compact Footprint:** The "120" in the part number usually refers to the physical dimensions (approximately 12mm x 12mm), offering a high power-to-size ratio. --- ### 3. Common Applications This specific part is typically found in high-performance power stages where low voltage and high current are required: 1. **Motherboards and Servers:** Used in the VRM stages for CPUs and GPUs. 2. **DC-DC Converters:** Point-of-Load (POL) converters in telecommunications equipment. 3. **High-Current Power Supplies:** Used as an output filter inductor to smooth out current ripples. 4. **Battery Powered Systems:** Where high efficiency is needed to extend battery life. --- ### 4. Part Number Breakdown * **PS120:** Series identifier and physical size (12mm class). * **R33:** Inductance value (R represents the decimal point; $0.33\mu H$). * **M:** Inductance tolerance ($\pm 20\%$). * **RC:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PS120-R33M-RC from other manufacturers?
    • ⤷ How does the 'soft saturation' characteristic of this inductor affect circuit stability?
    • ⤷ What is the recommended solder profile for mounting this SMD component?