AI

The **PS11368** is a specialized Integrated Power Module (IPM) primarily used in motor control applications, such as air conditioners, washing machines, and small industrial drives. It is part of the **DIPIPM (Dual-In-line Package Intelligent Power Module)** series, originally developed by Mitsubishi Electric.
---
## 1. Internal Architecture
The PS11368 combines power switching elements and control logic into a single package.
| Component Type | Description |
| :--- | :--- |
| **Power Stage** | A 3-phase inverter bridge consisting of 6 IGBTs (Insulated Gate Bipolar Transistors). |
| **Drive Circuit** | Integrated gate drivers that convert logic-level signals to the voltages required to switch the IGBTs. |
| **Protection Logic** | Built-in circuitry for over-current, under-voltage, and short-circuit protection. |
| **Bootstrap Diodes** | High-side drive circuits often include integrated diodes to simplify the external power supply layout. |
---
## 2. Key Specifications
These ratings define the electrical limits of the module:
* **Voltage Rating:** Typically rated for **600V**, making it suitable for 200V-240V AC line inputs.
* **Current Rating:** Rated for **20A** (nominal), though heat sinking is required to maintain this under load.
* **Isolation Voltage:** Provides high-voltage isolation (typically 1500Vrms or higher) between the power terminals and the control pins.
* **Package Style:** DIP (Dual-In-line Package) with a heat-radiating fin for mounting to a heatsink.
---
## 3. Pin Functional Groups
The pins on the PS11368 are generally divided into two functional areas:
### High-Voltage Side (Power)
* **P (Positive):** DC link positive input.
* **N (Negative):** DC link negative input (often split into three for current sensing).
* **U, V, W:** The three-phase AC output terminals connected to the motor.
### Low-Voltage Side (Control)
* **UP, VP, WP:** Logic inputs for the high-side IGBTs.
* **UN, VN, WN:** Logic inputs for the low-side IGBTs.
* **VOT:** Analog temperature output (in some versions) to monitor the module's heat.
* **FO:** Fault output pin that signals the microcontroller if a protection event occurs.
---
## 4. Typical Application Circuit
When designing with the PS11368, the following external components are usually required:
```mermaid
graph LR
MCU[Microcontroller] -- PWM Signals --> PS11368
PS11368 -- 3-Phase Power --> Motor[BLDC/Induction Motor]
Shunt[Shunt Resistors] -- Feedback --> PS11368
Cap[Bulk Capacitor] -- DC Bus --> PS11368
```
1. **Shunt Resistors:** Placed on the N-terminal to sense current for over-current protection.
2. **Bootstrap Capacitors:** Required for the high-side gate drive power supply.
3. **Decoupling Capacitors:** Placed close to the control power supply pins to reduce noise.
---
- ⤷
What are the specific protection mechanisms built into the PS11368?
- ⤷ How do you calculate the heat sink requirements for a 20A IPM?
- ⤷ What are the common failure modes of the DIPIPM series?