PRU-24-R/
AI

The **PRU-24-R** is an electronic component primarily classified as a **Power Relay Unit**. It is commonly utilized in HVAC systems, building automation, and industrial control panels to interface low-voltage control circuits with high-voltage loads.
---
### 1. General Specifications
The PRU-24-R acts as a bridge, allowing a low-power signal (typically from a thermostat or controller) to switch a much larger electrical load.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage (Coil)** | 24 VAC/VDC |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | 10A to 15A (Load dependent) |
| **Mounting** | Snap-track or Enclosure mounted |
| **Indicators** | LED status light (usually included) |
---
### 2. Key Internal Electronic Components
The device is comprised of several critical electronic sub-parts that work in tandem:
* **Electromagnetic Coil:** The heart of the unit. When 24V is applied, it creates a magnetic field that moves the internal armature.
* **Contacts (Silver Alloy):** High-conductivity points that open or close the circuit. They are designed to resist "arcing" and oxidation.
* **Flyback Diode / Suppressor:** Protects the upstream controller from voltage spikes (back-EMF) when the relay coil is de-energized.
* **LED Indicator:** A small light-emitting diode that provides visual feedback to technicians, showing whether the relay is currently energized.
* **Terminal Blocks:** Screw-down connectors that ensure a secure physical and electrical connection for high-gauge wiring.
---
### 3. Connection Logic
The wiring of the PRU-24-R is generally divided into the **Control Side** and the **Load Side**.
| Side | Terminals | Function |
| :--- | :--- | :--- |
| **Control** | Coil (+/-) | Receives the 24V signal to trigger the relay. |
| **Load (COM)** | Common | The main feed line for the device being controlled. |
| **Load (N.O.)** | Normally Open | Circuit is closed (on) only when the relay is energized. |
| **Load (N.C.)** | Normally Closed | Circuit is closed (on) when the relay is idle. |
---
### 4. Applications
* **HVAC Control:** Using a 24V thermostat to turn on a 120V/240V fan motor or heater.
* **Lighting Systems:** Interfacing occupancy sensors with high-voltage lighting banks.
* **Isolation:** Protecting sensitive digital controllers from high-voltage noise and surges.
- ⤷What is the maximum amperage the PRU-24-R can handle at 240VAC?
- ⤷ Does the PRU-24-R require a specific orientation for mounting?
- ⤷ How do you troubleshoot a PRU-24-R relay that is not clicking?