PRU-11-R/
AI

The **PRU-11-R** is an inductive proximity sensor manufactured by **Autonics**. It is a cylindrical, 3-wire DC type sensor designed for non-contact detection of metallic objects.
---
### 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Model Number** | PRU-11-R |
| **Sensing Side** | Upper (Round Cylinder) |
| **Sensing Distance** | 2 mm |
| **Power Supply** | 12-24V DC |
| **Output Type** | PNP NO (Normally Open) |
| **Hysteresis** | Max. 10% of sensing distance |
| **Frequency** | 1.5 kHz |
| **Protection Circuit** | Surge, Reverse Polarity, Overcurrent |
| **Material** | Brass (Nickel Plated) |
| **Cable Type** | Oil-resistant PVC cable |
---
### 2. Core Electronic Components
The internal circuitry of the PRU-11-R consists of several critical electronic stages:
* **Oscillator Circuit:** Generates a high-frequency electromagnetic field at the sensing face. When a metal object enters this field, eddy currents are induced in the object, absorbing energy from the oscillator.
* **Trigger Circuit (Schmitt Trigger):** Monitors the amplitude of the oscillations. When the amplitude drops below a specific threshold (due to the presence of metal), the trigger changes its state.
* **Output Switching Transistor:** Since this is a **PNP** type, it uses a bipolar junction transistor (BJT) to switch the "Load" to the positive rail (VCC) when activated.
* **LED Indicator:** A Red LED is integrated into the housing to provide visual confirmation of the output state.
---
### 3. Wiring Configuration
The PRU-11-R follows the standard industrial color coding for 3-wire DC sensors:
```markdown
Brown [+] ----> Positive Power Supply (12-24VDC)
Blue [-] ----> Negative Power Supply (0V)
Black [OUT] --> Output Signal (Connects to PLC Input or Relay)
```
---
### 4. Key Features
1. **Inductive Sensing:** Only detects ferrous and non-ferrous metals; immune to dust, water, and oil.
2. **IP67 Rating:** The electronics are fully encapsulated, making the sensor dust-tight and capable of withstanding immersion in water.
3. **High-Speed Response:** The 1.5 kHz switching frequency allows it to be used in high-speed counting or RPM monitoring applications.
- ⤷
What is the difference between the PRU-11-R and the PRU-11-N (NPN) version?
- ⤷ How do I calculate the correction factor for non-ferrous metals like aluminum?
- ⤷ Can this sensor be wired directly to a 24V PLC input?