công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PRNF2ABD1M00

  • AI
    The part number **PRNF2ABD1M00** refers to a high-precision, high-voltage **Metal Film Resistor** typically manufactured by Stackpole Electronics (or similar specialist resistor manufacturers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Specification Overview The part belongs to the **PRN series**, which is designed for applications requiring high precision and stability under high-operating voltages. | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Film Resistor | | **Resistance Value** | 1.00 MΩ (Megaohm) | | **Power Rating** | 0.5 Watts (1/2W) | | **Tolerance** | ±0.1% (Ultra-Precision) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C | | **Mounting Type** | Through-Hole (Axial) | | **Construction** | Metal Film on Ceramic Substrate | --- ### 2. Detailed Technical Breakdown #### A. Resistance and Tolerance With a resistance of **1.00 MΩ** and a tolerance of **±0.1%**, this component is classified as a "precision resistor." It is used in circuits where the exact resistance value is critical for the performance of the system, such as voltage dividers or feedback loops. #### B. Temperature Stability (TCR) The **±25 ppm/°C** rating means that for every degree Celsius change in temperature, the resistance will shift by no more than 0.0025%. This ensures that the circuit remains stable even as the device heats up during operation. #### C. Power and Voltage While rated for **0.5 Watts**, these resistors are often "Pulse Resistant" or "High Voltage" capable. They are built to withstand higher working voltages than standard carbon film resistors of the same size. --- ### 3. Application Use Cases Due to its high precision and stability, this part is commonly found in: * **Precision Instrumentation:** Measurement tools and lab equipment. * **Medical Electronics:** Monitoring devices requiring low noise and high accuracy. * **Audio Equipment:** High-end audio processing where signal integrity is paramount. * **Industrial Controls:** Calibration circuits and sensing modules. --- ### 4. Comparison Table: Metal Film vs. Carbon Film | Feature | PRNF2ABD1M00 (Metal Film) | Standard Carbon Film | | :--- | :--- | :--- | | **Accuracy** | High (0.1%) | Low (5%) | | **Noise** | Very Low | Moderate to High | | **Stability** | Excellent | Average | | **Price** | Premium | Budget | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum working voltage for the PRNF series?
    • ⤷ What are the physical dimensions of the PRNF2 axial package?
    • ⤷ Are there surface-mount (SMD) equivalents for this high-precision resistor?