PRM1B-R100-F
AI

The **PRM1B-R100-F** is a specific electronic component, typically categorized as a **High-Power Current Sensing Resistor** (Shunt Resistor). These components are engineered to measure current flow by monitoring the voltage drop across a known, very low resistance value.
---
### ## Technical Specifications
Below are the typical technical parameters for a component in this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor (Power Shunt) |
| **Resistance Value** | 100 mΩ (0.1 Ohms) |
| **Power Rating** | 1 Watt (Standard for 1B series) |
| **Tolerance** | ±1% (Indicated by the 'F' suffix) |
| **Temperature Coefficient** | Low TCR (typically ±50 to ±100 ppm/°C) |
| **Mounting Type** | Surface Mount (SMD) |
---
### ## Breakdown of the Part Number
Understanding the nomenclature helps identify the exact physical and electrical properties:
* **PRM**: Product series identifier (Power Resistor Metal-element).
* **1B**: Refers to the physical package size and power rating (often equivalent to a 2512 or similar large-format SMD size).
* **R100**: Represents the resistance value. The "R" acts as a decimal point, meaning `0.100` Ohms or **100mΩ**.
* **F**: Represents the tolerance code. `F` stands for **±1%**.
---
### ## Key Features & Applications
#### ### Key Features
1. **Metal Element Construction**: These are usually made from a metal alloy (like Manganin or NiCr) to ensure stability under high heat.
2. **Heat Dissipation**: Designed with a larger footprint to handle significant power without shifting resistance value.
3. **Low Inductance**: Essential for high-frequency switching power supplies to prevent signal noise.
#### ### Common Applications
* **Battery Management Systems (BMS)**: Monitoring charge/discharge cycles in lithium batteries.
* **DC-DC Converters**: Feedback loops for regulating output current.
* **Motor Control**: Sensing the load on a motor to prevent stalling or over-current damage.
* **Power Supplies**: Over-current protection (OCP) circuits.
---
### ## Typical Application Circuit
When using this resistor to measure current, the formula used is **Ohm's Law ($V = I \times R$)**.
```c
// Example Calculation:
// If the voltmeter across PRM1B-R100-F reads 50mV:
// Resistance (R) = 0.1 Ohms
// Current (I) = V / R
// Current (I) = 0.050V / 0.1 Ohms = 0.5 Amps
```
---
- ⤷What is the maximum current this resistor can handle based on its 1W power rating?
- ⤷ Are there 4-terminal (Kelvin) versions available for higher precision?
- ⤷ What are the recommended footprint dimensions for soldering this part?