PRCP-RX065/72
AI

The **PRCP-RX065/72** is a specific model of Resettable Fuse, part of the **PTC (Positive Temperature Coefficient)** family. These components are commonly referred to as Polyfuses or Polyswitches and are used for overcurrent protection in electronic circuits.
---
### 1. Technical Specifications
The following table highlights the primary electrical characteristics of the PRCP-RX065/72:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **$I_{hold}$** | 0.65 A | Maximum current at which the device will not trip (at 23°C). |
| **$I_{trip}$** | 1.30 A | Minimum current at which the device is guaranteed to trip. |
| **$V_{max}$** | 72 V | Maximum voltage the device can withstand without damage. |
| **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. |
| **$R_{min}$ / $R_{max}$** | 0.48 / 1.17 $\Omega$ | Initial resistance range before tripping. |
| **Mounting Type** | Radial Leaded | Through-hole components with wire leads. |
---
### 2. Functional Principles
The PRCP-RX065/72 functions as a **thermistor**. Unlike a standard one-time fuse that blows and must be replaced, this part "resets" itself once the fault is cleared and the temperature drops.
* **Normal State:** The conductive particles inside the polymer form a low-resistance path, allowing current to flow to the load.
* **Trip State:** During an overcurrent or short circuit, the internal temperature rises ($I^2R$ heating). The polymer expands, breaking the conductive paths and increasing resistance dramatically. This limits the current to a safe leakage level.
* **Reset State:** Once power is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the fuse returns to a low-resistance state.
---
### 3. Key Applications
Because of its **72V rating**, this specific model is ideal for industrial and telecommunications environments where standard 12V or 24V protections are insufficient.
1. **Industrial Controls:** Protecting sensors and PLC I/O ports.
2. **Security Systems:** Overcurrent protection for CCTV cameras and alarm panels.
3. **Power Supplies:** Secondary protection for transformers and DC-DC converters.
4. **IEEE 802.3 Ethernet:** Protection in Power over Ethernet (PoE) hardware.
---
### 4. Comparison: PTC vs. Standard Fuse
| Feature | PRCP-RX065/72 (PTC) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Resetability** | Automatically resets after cooling. | One-time use; must be replaced. |
| **Resistance** | Higher (affects circuit voltage drop). | Very low. |
| **Trip Speed** | Relatively slow (thermal-based). | Can be very fast (Fast-blow models). |
| **Maintenance** | Low (no technician required). | High (requires manual intervention). |
- ⤷
What is the typical 'time-to-trip' for the PRCP-RX065/72 at 5 times the hold current?
- ⤷ How does ambient temperature affect the $I_{hold}$ rating of this PTC?
- ⤷ Can this component be used in series for higher voltage applications?