PRCP-RX050/72
AI

## Technical Overview: PRCP-RX050/72
The **PRCP-RX050/72** is a specific model of **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, commonly referred to as a "Polyfuse" or "Multifuse." These components are used for overcurrent and short-circuit protection in electronic circuits.
---
### 1. Key Technical Specifications
The model number typically follows a standard nomenclature for PPTC devices. Here are the core electrical parameters for this specific part:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **$I_{hold}$** | 0.50 A | The maximum current the device can carry without tripping. |
| **$I_{trip}$** | 1.00 A | The minimum current at which the device will switch to a high resistance state. |
| **$V_{max}$** | 72 V | The maximum voltage the device can withstand without damage. |
| **$I_{max}$** | 40 A | The maximum fault current the device can safely handle. |
| **$P_d$ (Typ.)** | 0.77 W | Power dissipated by the device when in the tripped state. |
| **Rmin / Rmax** | 0.50 / 1.17 $\Omega$ | Initial resistance range at $25^\circ C$. |
---
### 2. Physical and Material Properties
* **Technology:** Polymeric PTC. It consists of a non-conductive plastic crystalline polymer matrix mixed with carbon black particles.
* **Form Factor:** Radial Leaded (Through-hole).
* **Encapsulation:** Cured, flame retardant epoxy polymer (meets UL 94V-0 requirements).
* **Lead Material:** Tin-plated copper.
---
### 3. Theory of Operation
The PRCP-RX050/72 functions as a self-repairing circuit breaker through the following process:
1. **Normal State:** Under normal current ($<0.50A$), the carbon particles form conductive chains, providing low resistance.
2. **Fault Condition:** When current exceeds $1.00A$, Joule heating ($I^2R$) causes the polymer to expand.
3. **Tripped State:** The expansion breaks the carbon chains, increasing resistance exponentially and reducing current to a trickle.
4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state.
---
### 4. Applications
Because of its **72V rating**, this specific model is ideal for:
* **Security Systems:** Protecting sensors and control panels.
* **Industrial Controls:** Safeguarding PLC I/O ports.
* **Telecommunications:** Protection against power cross-talk.
* **Power Supplies:** Secondary protection for DC transformers.
---
### 5. Part Number Breakdown
| Prefix | Series | Hold Current | Voltage Rating |
| :--- | :--- | :--- | :--- |
| **PRCP** | **RX** | **050** | **/72** |
| Brand Identifier | Radial Leaded Series | 0.50 Amperes | 72 Volts Max |
- ⤷
What is the difference between a PPTC and a standard one-time fuse?
- ⤷ How does ambient temperature affect the trip current of the PRCP-RX050/72?
- ⤷ What is the typical 'Time-to-Trip' for this device at 2.5 Amps?