công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PRCP-R6

  • AI
    ## Overview of the PRCP-R6 Series The **PRCP-R6** series belongs to a category of electronic components known as **Resettable Thermal Fuses** or **Polymer Positive Temperature Coefficient (PPTC)** devices. These are specifically designed for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, these devices "reset" once the fault condition is removed and the temperature drops. --- ### 1. Key Technical Specifications The PRCP-R6 is part of the radial-leaded family, typically used for through-hole PCB mounting. | Parameter | Description | | :--- | :--- | | **I-hold (Holding Current)** | The maximum current the device can carry without tripping. | | **I-trip (Tripping Current)** | The minimum current at which the device will switch to a high-resistance state. | | **V-max (Maximum Voltage)** | The maximum voltage the device can withstand (typically up to 60V for R-series). | | **I-max (Maximum Interrupt Current)** | The maximum fault current the device can safely handle. | | **R-min / R-max** | The resistance range of the device in its initial, non-tripped state. | --- ### 2. How it Works (Physics) The PRCP-R6 operates based on the thermal properties of its conductive polymer composite: 1. **Normal State:** The conductive particles inside the polymer form a dense network, allowing current to flow with low resistance. 2. **Fault State (Overcurrent):** Excessive current causes $I^2R$ heating. As the device heats up, the polymer expands. 3. **Tripped State:** The expansion breaks the conductive paths, increasing resistance exponentially. This limits the current to a safe leakage level. 4. **Reset:** Once power is removed and the heat dissipates, the polymer contracts, reconnecting the conductive paths. --- ### 3. Applications The PRCP-R6 series is commonly found in the following environments: * **Power Supplies:** Protection against short circuits in AC/DC adapters. * **Motors:** Protection against stall or "locked rotor" conditions. * **Industrial Controls:** Protecting I/O ports and sensitive control logic. * **Computer Peripherals:** USB ports and plug-and-play interfaces. --- ### 4. Comparison: PTC vs. Traditional Fuse | Feature | Traditional Fuse | PRCP-R6 (PPTC) | | :--- | :--- | :--- | | **Resettability** | No (One-time use) | Yes (Multiple uses) | | **Resistance** | Very Low | Moderate | | **Reaction Speed** | Fast | Slower (Thermal-based) | | **Maintenance** | High (Replacement needed) | Low (Automatic reset) | ---
    ✨ Follow-up Questions
    • ⤷ What are the typical hold current (I-hold) ratings for the PRCP-R6 series?
    • ⤷ How does ambient temperature affect the performance of a PPTC device?
    • ⤷ In what scenarios is a traditional fuse preferred over a PRCP-R6?