công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PR2HJS

  • AI
    The **PR2HJS** is a specific part number typically associated with **SMD (Surface Mount Device) Rectifier Diodes**, specifically in the **SOD-123FL** or similar small-form-factor packages. These components are designed for high-frequency rectification and surface-mount assembly. Below is a breakdown of the electronic specifications and characteristics of this component. --- ### ## Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Part Prefix** | PR2 | Fast Recovery Rectifier series | | **Current Rating ($I_F$)** | 2.0 Amperes | Maximum average forward rectified current | | **Voltage Range ($V_{RRM}$)** | 600V - 1000V | Maximum repetitive peak reverse voltage | | **Recovery Time ($t_{rr}$)** | 150ns - 500ns | Fast recovery characteristic | | **Package Type** | SOD-123FL | Low-profile, surface-mount plastic package | | **Mounting Type** | SMT / SMD | Surface Mount Technology | --- ### ### Key Internal Components & Features 1. **PN Junction Silicon Wafer:** The core of the device is a silicon chip doped to create a P-type and N-type junction, allowing current to flow in only one direction. 2. **Passivation Layer:** The chip is usually protected by a glass passivation layer to ensure high reliability and stability under high-voltage stress. 3. **Lead Frame:** Made of copper or a copper alloy, providing the electrical connection between the silicon die and the PCB pads while acting as a heat sink. 4. **Molded Plastic Case:** An epoxy molding compound that meets UL 94V-0 flammability ratings for safety. --- ### ### Typical Applications Because the **PR2HJS** is a fast-recovery diode, it is used in circuits where switching speeds are too high for standard "General Purpose" (like the 1N4007) diodes. * **SMPS (Switching Mode Power Supplies):** Used for secondary rectification. * **DC-DC Converters:** Manages high-frequency power conversion. * **Freewheeling Diode:** Protects circuits against inductive voltage spikes in motors or relays. * **Inverters:** Used in solar or battery backup systems for rectification. --- ### ### Identification & Marking On the physical body of the component, you will usually see: * **Cathode Band:** A line indicating the negative terminal (Cathode). * **Marking Code:** "PR2H" or "PR2J" represents the series and the voltage rating (J usually denotes 600V, K denotes 800V, M denotes 1000V).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast Recovery Diode and a Schottky Diode?
    • ⤷ Can the PR2HJS be used in high-temperature environments?
    • ⤷ How does the SOD-123FL package compare to the SMA package in terms of heat dissipation?