công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PR2GJS

  • AI
    The **PR2GJS** is a specific variant of a standard **G-Series Pressure Switch**, commonly manufactured by brands like *Barksdale* or *Danfoss*. These devices are electromechanical components used to sense liquid or gas pressure and trigger an electrical circuit when a specific threshold is reached. --- ## 1. Core Electronic Components The PR2GJS operates as a transducer that converts mechanical pressure into an electrical signal. Below are the primary internal electronic/electromechanical parts: | Component | Description | Function | | :--- | :--- | :--- | | **Micro-switch** | A snap-action miniature switch. | The primary electrical output component that opens or closes the circuit. | | **Contacts** | Usually Silver-plated or Gold-clad. | Responsible for the electrical conductivity when the switch is engaged. | | **Terminal Block** | 3-pin or 4-pin screw terminals. | Provides the wiring interface for Power (L1), Neutral/Load, and Ground. | | **Diaphragm/Piston** | Sensing element. | While mechanical, its displacement acts as the "input" for the electronic switch. | --- ## 2. Electrical Specifications The "GJS" designation typically refers to specific electrical ratings and enclosure types (often explosion-proof or heavy industrial). * **Switch Type:** SPDT (Single Pole Double Throw) is most common. * **Voltage Rating:** Usually supports up to 250V AC or 24V DC. * **Current Rating:** Typically ranges from 5A to 10A depending on the inductive load. * **Insulation Resistance:** Usually >100 MΩ at 500V DC. --- ## 3. Circuit Configuration The device functions based on three primary electrical states: 1. **COM (Common):** The input line where power enters the switch. 2. **NC (Normally Closed):** The circuit is complete when pressure is *below* the set point. 3. **NO (Normally Open):** The circuit completes only when pressure *exceeds* the set point. ### Basic Wiring Logic ```text [Source] ----> [COM] | |----(Under Pressure)----> [NC] ----> [Alarm/Motor Off] | |----(Over Pressure) ----> [NO] ----> [Release Valve/Motor On] ``` --- ## 4. Maintenance and Failure Points Because this is an electromechanical part, the "electronics" often fail due to physical wear: * **Contact Pitting:** Arc discharge during switching can wear down the metal contacts. * **Fusing:** Over-current can cause the NO/NC contacts to weld together. * **Moisture Ingress:** If the seals on the terminal housing fail, oxidation occurs on the wiring.
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the PR2GJS model?
    • ⤷ How do you calibrate the set-point on a G-series pressure switch?
    • ⤷ Can this switch be used in hazardous (Ex-rated) environments?