PR2-RSP3-LDP-24DC
AI

The **PR2-RSP3-LDP-24DC** is a specific industrial relay module manufactured by Phoenix Contact. It is a pre-assembled unit designed for DIN rail mounting, consisting of a relay base and a plug-in miniature relay.
---
### 1. Technical Specifications
The part number indicates several key electrical characteristics. Below is a breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage (Coil)** | 24 V DC |
| **Contact Configuration** | 3 PDT (3 Changeover contacts / Triple Pole Double Throw) |
| **Switching Current (Max)** | 6 A per contact |
| **Connection Method** | Push-in (Spring) connection |
| **Status Display** | Yellow LED (indicates coil activation) |
| **Protective Circuit** | Damping diode (freewheeling diode) to prevent voltage spikes |
---
### 2. Breakdown of the Model Name
Understanding the nomenclature helps identify the physical and electrical components:
* **PR2:** Refers to the series/housing type (Standard industrial relay base).
* **RSP3:** Indicates **R**elay with **S**pring-cage (Push-in) terminals and **3** PDT contacts.
* **LDP:** Represents the integrated **L**ED and **D**amping **P**olarity protection (freewheeling diode).
* **24DC:** Specifies the nominal input/control voltage of **24 Volts Direct Current**.
---
### 3. Key Electronic Components & Functions
Inside the module, several critical electronic parts work together to ensure safe switching:
1. **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field to pull the mechanical armature and switch the contacts.
2. **Freewheeling Diode (Damping):** Crucial for DC circuits. When the power to the coil is cut, the collapsing magnetic field creates a reverse voltage spike. This diode suppresses that spike to protect external PLCs or controllers.
3. **LED Indicator:** Provides visual feedback to maintenance staff to confirm the control signal is reaching the relay.
4. **Silver Nickel (AgNi) Contacts:** The internal contact material is usually AgNi, chosen for its balance between electrical conductivity and resistance to contact welding/erosion.
---
### 4. Typical Applications
* **Galvanic Isolation:** Separating sensitive low-power control circuits (like a PLC) from high-power load circuits.
* **Signal Multiplication:** Using one input signal to switch three independent output circuits simultaneously.
* **Interfacing:** Adapting different voltage levels between control systems and field devices (e.g., using 24V DC to switch a 230V AC motor starter).
- ⤷
How do I replace the plug-in relay without changing the entire base unit?
- ⤷ What is the maximum switching frequency for this specific model?
- ⤷ Can I use this relay for AC loads even though the coil is 24V DC?