công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PPL-R

  • AI
    The **PLL-R** (Phase-Locked Loop Receiver) is a specialized electronic circuit used in telecommunications and signal processing. Its primary function is to synchronize an output signal (usually from a local oscillator) with the phase and frequency of an incoming reference signal. --- ### Core Electronic Components of a PLL-R A PLL-R system consists of four fundamental electronic building blocks that work in a feedback loop: | Component | Function | Description | | :--- | :--- | :--- | | **Phase Detector (PD)** | Comparison | Compares the phase of the input signal with the feedback signal and generates an error voltage. | | **Low Pass Filter (LPF)** | Smoothing | Removes high-frequency noise from the error signal and determines the loop's stability. | | **Voltage Controlled Oscillator (VCO)** | Generation | Produces an output frequency that changes based on the input voltage received from the LPF. | | **Feedback Divider (N)** | Scaling | (Optional) Divides the output frequency so the PLL can lock onto a multiple of the input frequency. | --- ### Technical Specifications & Working Principle The electronic operation follows a continuous cycle: 1. **Signal Input:** An external reference signal ($f_{ref}$) enters the Phase Detector. 2. **Phase Comparison:** The PD outputs a voltage proportional to the phase difference between the input and the VCO feedback. 3. **Filtering:** The **Low Pass Filter** is a critical passive or active part (usually resistors and capacitors) that dictates the "lock time" and "capture range." 4. **Frequency Adjustment:** The **VCO** receives the cleaned error voltage. If the frequency is too low, the voltage increases to speed up the oscillator until the signals are "locked." ### Common Applications in Electronics * **Frequency Synthesis:** Generating stable high-frequency signals from a low-frequency crystal oscillator. * **FM Demodulation:** In radio receivers, the PLL-R tracks the carrier frequency to extract audio information. * **Clock Recovery:** Used in digital serial data links (like USB or HDMI) to synchronize data timing. * **Jitter Reduction:** Cleaning up "noisy" clock signals in high-speed processors. --- ### Comparison of PLL Types | Type | Nature of Signal | Primary Parts | | :--- | :--- | :--- | | **Analog PLL (APLL)** | Continuous | Op-amps, discrete transistors, passive filters. | | **Digital PLL (DPLL)** | Discrete/Pulse | XOR gates, flip-flops, digital counters. | | **All-Digital PLL (ADPLL)** | Binary Logic | Digitally controlled oscillators (DCO), binary loop filters. |
    ✨ Follow-up Questions
    • ⤷ What is the role of the Low Pass Filter in determining the lock range of a PLL?
    • ⤷ How does a Voltage Controlled Oscillator (VCO) differ from a standard crystal oscillator?
    • ⤷ In what scenarios would you use a Digital PLL over an Analog PLL?