công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PPD-H7A3R-R/Q

  • AI
    The **PPD-H7A3R-R/Q** refers to a high-performance, compact series of Pressure Sensors/Transmitters, typically manufactured by companies like **Copale (Nidec)** or utilized in industrial pneumatic/hydraulic monitoring systems. These devices convert physical pressure into a measurable electrical signal. --- ## 1. Core Electronic Specifications These sensors are designed for precision and reliability in harsh industrial environments. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon Pressure Sensor | | **Rated Pressure Range** | Typically 0 to 1.0 MPa (Standard for H7 series) | | **Output Type** | Analog Voltage (e.g., 1–5V DC) or Current (4–20mA) | | **Power Supply** | 12V to 24V DC (Standard industrial range) | | **Accuracy** | ±1.0% F.S. (Full Scale) or better | | **Response Time** | < 2.0 ms | --- ## 2. Internal Electronic Components The device is composed of several critical electronic sub-layers: ### A. The Sensing Element (MEMS) * **Piezoresistive Bridge:** At the heart of the device is a silicon diaphragm with integrated resistors. When pressure is applied, the diaphragm deforms, changing the resistance (the Wheatstone Bridge principle). ### B. Signal Conditioning Circuit (ASIC) * **Amplification:** The raw millivolt signal from the sensor is too weak for industrial controllers. An internal amplifier boosts the signal. * **Temperature Compensation:** Electronic parts are sensitive to heat. This circuit compensates for thermal drift to ensure accuracy between -10°C and +60°C. * **Linearization:** Ensures the output voltage/current is perfectly proportional to the input pressure. ### C. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected backward. * **Overvoltage Protection:** Guards against spikes in the power supply. * **EMI/RFI Filtering:** Reduces electrical noise interference from nearby motors or radio frequencies. --- ## 3. Wiring and Connection The "R/Q" suffix usually dictates the termination type (connector style or cable length). | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc (+) | Power input (12-24V) | | **Blue** | GND (-) | Common ground | | **Black** | Out | Analog signal output | --- ## 4. Typical Applications * **Pneumatic Systems:** Monitoring air compressor output. * **Hydraulic Control:** Real-time pressure feedback for actuators. * **Semiconductor Equipment:** Precise gas pressure regulation. * **Automated Assembly:** Leak testing and vacuum verification.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' versions of this sensor series?
    • ⤷ How do I calibrate the analog output of a PPD-H7A3R sensor?
    • ⤷ Can this sensor be used with a 5V microcontroller like an Arduino?