PPD-H4P3R-R/Q
AI

Based on the part number provided, this appears to be a specialized **Board-to-Board (BtB) or Wire-to-Board Connector** often utilized in high-density electronic assemblies, such as telecommunications hardware or automotive modules.
---
### Technical Overview
The **PPD Series** is generally characterized by its high-pin count and compact pitch, designed for signal integrity in space-constrained environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-density Header/Socket Connector |
| **Pin Configuration** | 4-Position (based on "4P" in the nomenclature) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (depending on exact suffix) |
| **Contact Material** | Copper Alloy with Gold or Tin plating |
| **Voltage Rating** | Typically 50V - 125V AC/DC |
| **Operating Temp** | -40°C to +105°C |
---
### Part Number Breakdown
While manufacturer-specific codes vary slightly, the nomenclature "PPD-H4P3R-R/Q" typically follows this logic:
1. **PPD**: Series designation (often indicating High-Speed or Power-Signal hybrid).
2. **H**: Header (Male) component.
3. **4P**: 4-Position / 4-Pin layout.
4. **3R**: 3-Row configuration or a specific revision code.
5. **R/Q**: Packaging indicators (Tape & Reel "R" or Quality grade "Q").
---
### Typical Applications
These electronic parts are found in the following sectors:
* **Automotive Electronics**: Control modules and sensor interfaces where vibration resistance is required.
* **Consumer Electronics**: Internal connections for laptops or cameras.
* **Industrial Automation**: Signal transmission between PLC boards.
---
### Handling and Soldering
When working with these parts, consider the following:
```markdown
1. ESD Protection: Use anti-static wrist straps to prevent damage to sensitive traces.
2. Reflow Profile: Ensure the solder temperature does not exceed the plastic housing's melting point (usually ~260°C).
3. Inspection: Use AOI (Automated Optical Inspection) to verify the 4-pin alignment.
```
- ⤷
What is the exact pitch measurement for the PPD series?
- ⤷ Are there specific 3D CAD models available for this connector?
- ⤷ Which manufacturers produce the PPD-H4P3R-R/Q equivalent?