PPD-H4N1R-R/
AI

The **PPD-H4N1R-R** is a specific type of logic-driven hardware component, commonly categorized as a **Digital Pressure Sensor** or a **Pressure Switch**, often utilized in industrial automation for pneumatic and vacuum applications.
Below is an explanation of its electronic components, specifications, and wiring structure.
---
### 1. Key Technical Specifications
The device operates as an electronic interface between physical pressure levels and a digital control system (like a PLC).
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | NPN / PNP Open Collector (Depending on sub-model) |
| **Pressure Range** | High-pressure and Vacuum detection capabilities |
| **Supply Voltage** | 12 to 24V DC (Standard industrial range) |
| **Response Time** | < 2.5ms (High-speed electronic switching) |
| **Current Consumption** | $\approx$ 40mA or less |
| **Display Type** | Integrated 3-color Digital LCD/LED |
---
### 2. Internal Electronic Architecture
The device consists of several critical electronic stages:
1. **Pressure Transducer (Piezo-resistive Element):** This is the heart of the part. It converts mechanical pressure into a small electrical voltage change.
2. **Analog-to-Digital Converter (ADC):** A microprocessor-controlled circuit that digitizes the voltage from the transducer for processing.
3. **Comparator Circuit:** This allows the user to set a "Switch Point." When the digital value reaches the threshold, the electronic output triggers.
4. **Output Transistors (Open Collector):** These act as electronic switches. They do not output voltage directly; instead, they "pull down" (NPN) or "pull up" (PNP) the signal line to complete a circuit.
---
### 3. Wiring and Pin Configuration
The PPD series typically uses a standardized color-coding for its electronic leads:
* **Brown:** Positive DC Power (+V).
* **Blue:** Negative DC Power (0V/GND).
* **Black:** Control Output 1 (Digital signal to the controller).
* **White:** Control Output 2 or Analog Output (Optional, depending on specific R-R configuration).
---
### 4. Circuit Protection Features
As an industrial-grade part, the PPD-H4N1R-R includes built-in protective electronics:
* **Short-Circuit Protection:** Prevents the internal transistors from burning out if the output is miswired.
* **Reverse Polarity Protection:** Protects the device if the + and - DC wires are swapped.
* **Noise Filtering:** Capacitors and ferrites to prevent EMI (Electromagnetic Interference) from causing "false trips" in the signal.
---
- ⤷
What is the difference between NPN and PNP output in this specific model?
- ⤷ How do I calibrate the set-point on a PPD series pressure sensor?
- ⤷ What are the common industrial applications for the PPD-H4N1R-R?