PPD-H1N1R-R
AI

The **PPD-H1N1R-R** is a high-performance, shielded RJ45 connector commonly used in industrial networking and telecommunications. This specific part number is typically associated with the **Link-PP** brand (or similar manufacturers like Pulse Electronics), specializing in integrated magnetic modules.
---
## 1. Core Component Breakdown
The PPD-H1N1R-R is not just a plastic jack; it is an **Integrated Connector Module (ICM)**. This means the electronic components required for Ethernet communication are built directly into the metal housing.
| Component | Function |
| :--- | :--- |
| **Isolation Transformer** | Protects the circuit from high-voltage surges and static electricity. |
| **Common Mode Choke** | Filters out electromagnetic interference (EMI) and noise. |
| **LED Indicators** | Provides visual status for Link (connection) and Activity (data flow). |
| **Shielded Housing** | Metal outer shell that grounds the connection to prevent signal leakage. |
---
## 2. Technical Specifications
Below are the primary electronic and physical characteristics of the device:
### Electrical Characteristics
* **Speed:** 10/100/1000 Base-T (Gigabit Ethernet) support.
* **Turns Ratio:** Usually 1:1 for both transmit and receive paths.
* **Dielectric Withstanding Voltage:** Typically rated for 1500V AC (Isolation).
* **OCL (Open Circuit Inductance):** Minimum 350µH with 8mA DC bias.
### Physical Design
* **Orientation:** Right Angle (90 degrees), Through-hole mounting.
* **Shielding:** Copper alloy with nickel plating.
* **Contact Plating:** Gold plating (usually 6u" to 50u") to prevent oxidation and ensure conductivity.
---
## 3. Internal Schematic Logic
The "H1N1" designation in the part number often refers to a specific internal wiring schematic. While variations exist, the internal logic generally follows this flow:
```mermaid
graph LR
A[RJ45 Port] --> B[Transformer/Magnetics]
B --> C[Common Mode Choke]
C --> D[PCB Pins/PHY Chip]
E[LED Anode/Cathode] --> F[External Status Monitoring]
```
1. **Magnetics:** Decouples the PHY (Physical Layer) chip from the cable to prevent ground loops.
2. **Termination:** Uses "Bob Smith" termination (75-ohm resistors) to reduce common-mode reflections.
---
## 4. Typical Applications
* **Industrial PCs:** Used in harsh environments requiring EMI shielding.
* **Network Switches:** High-density port layouts.
* **IoT Gateways:** Compact design with integrated magnetics saves PCB real estate.
* **Set-top Boxes:** Reliable data transmission for streaming.
- ⤷
What is the pinout configuration for the LEDs in the PPD-H1N1R-R?
- ⤷ How does 'Bob Smith Termination' inside this connector improve signal integrity?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?