công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PPD-D7A1R-R/Q

  • AI
    The **PPD-D7A1R-R/Q** is a specific technical configuration for a photoelectric sensor, typically part of the high-performance sensing lines used in industrial automation. Based on standard industrial nomenclature for these series, here is the breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Overview The PPD series generally refers to **Precision Photoelectric Devices** designed for detection tasks where high speed and accuracy are required. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Diffuse-reflective (Standard) | | **Supply Voltage** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | Approx. 30mA or less | | **Output Type** | NPN or PNP (Model dependent, usually Open Collector) | | **Response Time** | < 1ms (High-speed switching) | | **Light Source** | Infrared or Red LED (Pulse modulated) | --- ### 2. Electronic Part Breakdown #### A. Internal Circuitry * **Oscillator Circuit:** Generates a high-frequency pulse to drive the light-emitting diode (LED). This prevents interference from ambient light (like sunlight or office lamps). * **Receiver (Photodiode/Phototransistor):** A high-sensitivity component that converts the reflected light back into an electrical signal. * **Comparator/Schmitt Trigger:** An internal IC that compares the received signal strength against a preset threshold. If the signal exceeds the threshold, it triggers the output. * **Output Transistor:** Usually an **Open Collector** transistor (NPN or PNP) that acts as a switch for external loads (PLCs, Relays, or Counters). #### B. Suffix Definitions (R-R/Q) * **-R:** Often signifies a "Retro-reflective" variant or a specific "Relay" output logic, though in the PPD series, it commonly refers to **Red Light** emission for easier alignment. * **-Q:** Usually indicates a **M8 or M12 Quick-Disconnect connector** rather than a hard-wired cable. --- ### 3. Connection Diagram (Standard 3-Wire) Most PPD-D series sensors follow the standard industrial color-coding: ```markdown 1. Brown (BN) --> VCC (+12V to 24V DC) 2. Blue (BU) --> GND (0V) 3. Black (BK) --> Control Output (Load) ``` --- ### 4. Key Applications * **Object Detection:** Detecting the presence or absence of parts on a conveyor belt. * **Positioning:** Ensuring a mechanical arm is in the correct spot before starting a cycle. * **Counting:** High-speed counting of small electronic components or packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the PPD-D7A1R model?
    • ⤷ How do I wire the NPN output to a PLC source input?
    • ⤷ Does this sensor require a separate reflector for operation?