PPD-D4H1N-R
AI

The **PPD-D4H1N-R** is a specific model of a **Pressure Sensor** (typically a Digital Pressure Switch) manufactured by **Azbil** (formerly Yamatake). It is widely used in industrial automation for monitoring and controlling vacuum or positive gas pressure.
### 1. Technical Specifications
The following table summarizes the primary electronic and operational characteristics:
| Feature | Specification |
| :--- | :--- |
| **Pressure Range** | -101.3 to 101.3 kPa (Compound Pressure) |
| **Power Supply** | 12 to 24 VDC (±10%) |
| **Current Consumption** | ≤ 40 mA |
| **Output Type** | NPN Open Collector (Dual Output) |
| **Analog Output** | 1 to 5 VDC |
| **Response Time** | ≤ 2.5 ms |
| **Display** | 3.5 digit, 7-segment LED (Red) |
| **Connection** | M8 4-pin Connector or Lead Wire (model dependent) |
---
### 2. Core Electronic Components
The device functions through an integration of several key electronic subsystems:
#### A. Piezoresistive Silicon Sensor
At the heart of the unit is a silicon-based diaphragm with embedded resistors. When pressure is applied, the diaphragm deforms, changing the electrical resistance (the Piezoresistive effect). This change is converted into a linear voltage signal.
#### B. Signal Conditioning Circuit (ASIC)
Because the raw output from the silicon sensor is very small and prone to noise, an internal **Application-Specific Integrated Circuit (ASIC)** performs:
* **Amplification:** Boosting the millivolt signal.
* **Temperature Compensation:** Correcting errors caused by environmental temperature fluctuations.
* **Linearization:** Ensuring the output corresponds accurately to the pressure scale.
#### C. Control and Interface Electronics
* **Microcontroller (MCU):** Processes the digital values, handles the logic for the "Switching" setpoints (Hysteresis/Window modes), and drives the LED display.
* **NPN Transistors:** Acts as the physical switches for the digital outputs. Since it is an "NPN Open Collector," it sinks current to the negative (0V) rail when triggered.
* **D-A Converter:** Converts the processed digital signal back to an analog 1-5V signal for external monitoring by a PLC or controller.
---
### 3. Wiring Configuration
To integrate this part into a circuit, the standard 4-wire color coding is typically used:
1. **Brown (+V):** Power supply (12-24V DC).
2. **Blue (0V):** Ground/Common.
3. **Black (OUT 1):** Digital Output 1 (NPN).
4. **White (OUT 2 / Analog):** Digital Output 2 or Analog output (depending on specific sub-configuration).
---
### 4. Key Protection Features
To ensure longevity in industrial environments, the internal electronics include:
* **Reverse Polarity Protection:** Prevents damage if power wires are swapped.
* **Short-Circuit Protection:** Protects the NPN outputs if the load is shorted.
* **Noise Filtering:** Capacitors and ferrites to reduce Electromagnetic Interference (EMI).
- ⤷
How do you calibrate the zero-point on the PPD-D4H1N-R?
- ⤷ What is the difference between NPN and PNP output types in pressure sensors?
- ⤷ Can this sensor be used with corrosive liquids or only gases?