công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PPD-D1P3R-R

  • AI
    The **PPD-D1P3R-R** is a specific model of a **DC-to-DC Converter**, typically categorized as a point-of-load power module. These components are essential in electronic design for stepping down or regulating voltage levels within a circuit. ### 1. Technical Specifications Overview Based on standard industry nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V to 75V DC (Wide range) | | **Output Voltage** | 3.3V DC | | **Output Current** | ~1.3A (approximate based on power rating) | | **Isolation** | Isolated (Input to Output) | | **Package Style** | SIP (Single In-line Package) or DIP (Dual In-line Package) | | **Efficiency** | Typically 80% - 85% | --- ### 2. Core Electronic Components & Functions Inside the PPD-D1P3R-R, several sub-components work together to manage power: * **Switching Controller (IC):** The "brain" of the unit. It uses Pulse Width Modulation (PWM) to rapidly turn the input current on and off to maintain a steady output. * **Power MOSFETs:** These act as the high-speed switches. They are chosen for low "on-resistance" (RDS-on) to minimize heat loss. * **Isolation Transformer:** Unlike linear regulators, this uses a high-frequency transformer to transfer energy magnetically. This provides electrical isolation, protecting sensitive downstream components from input voltage spikes. * **Inductors & Capacitors (L-C Filter):** * **Inductors:** Store energy in a magnetic field to smooth out current ripples. * **Capacitors:** Filter out voltage noise and provide a buffer for transient loads. * **Feedback Optocoupler:** Maintains the 3.3V output accuracy by sending a signal across the isolation barrier back to the controller. --- ### 3. Key Features * **Galvanic Isolation:** Separates the input and output grounds to prevent noise interference. * **Protection Circuitry:** Usually includes built-in Over-Current Protection (OCP) and Short-Circuit Protection (SCP). * **Compact Footprint:** Designed for PCB mounting where space is limited but high reliability is required. --- ### 4. Common Applications 1. **Telecommunications:** Converting high-voltage bus lines (48V) to logic-level voltages (3.3V). 2. **Industrial Automation:** Powering sensors and microcontrollers from unstable industrial power rails. 3. **Data Communications:** Used in routers and switches for localized power regulation.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the PPD-D1P3R-R?
    • ⤷ How does galvanic isolation improve circuit safety in this part?
    • ⤷ What are the thermal management requirements for this DC-DC converter?