PPD-D1N1R-R
AI

The **PPD-D1N1R-R** is a specific model of a **Digital Pressure Sensor** typically manufactured by companies like **Koganei**. These sensors are used in industrial automation to monitor and control air or gas pressure in pneumatic systems.
---
### 1. Technical Specifications
The part number defines the physical and electrical characteristics of the unit. Below is a breakdown of its primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Pressure Range** | Positive Pressure (usually 0 to 1.0 MPa) |
| **Output Type** | NPN Open Collector (Digital) |
| **Analog Output** | 1 to 5V DC (Integrated) |
| **Port Size** | R1/8 (Tapered Pipe Thread) |
| **Operating Voltage** | 12 to 24V DC |
| **Display Type** | 3.5 digit, 2-color LED (Red/Green) |
---
### 2. Key Electronic Components & Internal Design
The PPD-D1N1R-R consists of several internal electronic subsystems:
* **Pressure Transducer (Piezo-resistive Element):** This is the core sensing element. It converts mechanical pressure into a small electrical signal.
* **A/D Converter & Microcontroller:** The analog signal from the transducer is converted into digital data, allowing the onboard processor to compare the current pressure against the user-defined "Set Point."
* **Dual-Output Transistors (NPN):**
* Since it is an **NPN** type, the output acts as a "sink." When the pressure reaches the threshold, the sensor connects the load to the Negative (OV) rail.
* **Analog Output Circuit:** It provides a 1-5V linear signal corresponding to the pressure range, which can be sent to a PLC (Programmable Logic Controller) for data logging or PID control.
---
### 3. Wiring Configuration
The device typically uses a 4-wire or 5-wire lead. The standard color coding is as follows:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | V+ | Power Supply (12-24V DC) |
| **Blue** | 0V | Power Supply Ground |
| **Black** | OUT 1 | Digital Output (NPN) |
| **White** | Analog | 1-5V Analog Output |
---
### 4. Functional Features
* **Hysteresis Mode:** Prevents the output from "chattering" when the pressure fluctuates rapidly around the set point.
* **Color Change Display:** The LED screen can be programmed to change from Green to Red when a specific pressure limit is exceeded, providing immediate visual feedback to operators.
* **Auto-set Function:** Simplifies the calibration process by allowing the sensor to learn the "high" and "low" points of an application automatically.
---
- ⤷
What is the difference between NPN and PNP versions of this sensor?
- ⤷ How do you calibrate the zero-point on a PPD series sensor?
- ⤷ Can this sensor be used for liquid pressure
- ⤷ or is it gas-only?