PPD-B1H1R-R
AI

The **PPD-B1H1R-R** is a high-performance, industrial-grade pressure sensor (pressure transducer) manufactured by **Nidec Copal Electronics**. It belongs to the PPD series, which is specifically designed for high-reliability applications involving liquid or gas pressure measurement.
---
### 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Pressure Type** | Gauge Pressure |
| **Rated Pressure Range** | 0 to 1.0 MPa (approx. 10 bar / 145 psi) |
| **Output Type** | Analog Voltage (1 to 5 VDC) |
| **Supply Voltage** | 10.8 to 26.4 VDC |
| **Current Consumption** | ≤ 15 mA |
| **Accuracy / Linearity** | ± 1.0% F.S. (Full Scale) |
| **Connection Thread** | R1/8 (Tapered pipe thread) |
---
### 2. Internal Electronic Components & Construction
The device is more than just a simple resistor; it is a complex electronic assembly consisting of several key stages:
#### A. The Sensing Element (MEMS Die)
The "heart" of the PPD-B1H1R-R is a **Piezoresistive Silicon Chip**.
- It uses a micro-machined diaphragm with diffused resistors.
- When pressure is applied, the diaphragm flexes, changing the resistance of the bridge circuit (Wheatstone Bridge) etched onto the silicon.
#### B. Signal Conditioning Circuitry
Because the raw output of a piezoresistive element is very small (millivolts) and temperature-dependent, the internal electronics include:
1. **Amplification:** An operational amplifier (Op-Amp) boosts the millivolt signal to a standard **1–5V range**.
2. **Temperature Compensation:** Thermistors or internal compensation circuits adjust the output to ensure accuracy across the operating temperature range (typically -20°C to 70°C).
3. **Voltage Regulation:** Internal regulators allow the device to accept a wide input voltage (10.8V to 26.4V) without affecting the output signal.
#### C. Protection Electronics
To survive industrial environments, the PCB includes:
- **Reverse Polarity Protection:** Prevents damage if the power supply wires are connected backwards.
- **EMI/RFI Filtering:** Capacitors and inductors to filter out electromagnetic noise from nearby motors or relays.
---
### 3. Wiring and Interface
The unit typically uses a 3-wire system. The standard color coding for Nidec Copal PPD sensors is generally as follows:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Vcc (+) | Power Supply Input (12-24V) |
| **Blue** | GND (-) | Common Ground |
| **Black** | Output | Analog Voltage Signal (1-5V) |
---
### 4. Key Application Use Cases
* **Hydraulic Systems:** Monitoring oil pressure in machinery.
* **Pneumatic Control:** Managing compressed air lines in factory automation.
* **Water Treatment:** Measuring pump discharge pressure.
* **Medical Equipment:** High-precision gas pressure monitoring.
- ⤷
What is the difference between gauge pressure and absolute pressure in this sensor series?
- ⤷ How do I calibrate the 1-5V output to a specific PSI or Bar reading in a PLC?
- ⤷ Is this sensor compatible with corrosive chemical liquids?