PPD-B1H1N-R
AI

## Analysis of the PPD-B1H1N-R
The **PPD-B1H1N-R** is a specific electronic component primarily associated with **Pressure Sensors** (specifically pressure switches) manufactured by **Copals Electronics** (now part of Nidec Components). These devices are designed for precision monitoring of air pressure in industrial and semiconductor equipment.
### 1. Key Technical Specifications
The alphanumeric code provides specific details regarding the sensor's performance and physical interface:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Pressure Switch | Electronic solid-state switch with analog output. |
| **Pressure Range** | 0 to 1.0 MPa | Designed for positive high-pressure applications. |
| **Rated Voltage** | 12 – 24 VDC | Standard industrial DC power supply range. |
| **Output Signal** | NPN Open Collector | Common interface for PLC and logic controller inputs. |
| **Analog Output** | 1 to 5 V | Provides a linear voltage output proportional to pressure. |
| **Fitting Size** | R 1/8 | Tapered pipe thread (Japanese standard/PT). |
---
### 2. Internal Electronic Architecture
The device functions through several integrated electronic stages:
1. **Sensing Element:** Usually a diffused silicon piezoresistive diaphragm. As pressure deforms the diaphragm, the resistance change is converted into a voltage signal.
2. **Signal Conditioning:** Internal operational amplifiers (Op-Amps) amplify the weak signal from the diaphragm and compensate for temperature fluctuations.
3. **Comparator/Switching Logic:** A potentiometer or digital circuit allows the user to set a "threshold." When the pressure hits this point, the NPN transistor switches.
4. **Output Stage:**
* **Switching:** NPN Open Collector (sinking current).
* **Linear:** 1–5V DC analog output for continuous monitoring.
---
### 3. Wiring Configuration
The PPD series typically utilizes a standard 4-wire color-coding system:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Vcc (+) | Power supply (12-24V DC). |
| **Blue** | GND (-) | Common ground. |
| **Black** | SW Output | NPN Open Collector switch output. |
| **White** | Analog Out | 1 to 5V linear pressure signal. |
---
### 4. Application Use-Cases
* **Semiconductor Manufacturing:** Monitoring gas lines for vacuum or positive pressure.
* **Pneumatic Systems:** Ensuring consistent air pressure for robotic actuators.
* **Leak Testing:** Detecting small drops in pressure over time via the analog output.
* **Industrial Automation:** Direct interface with PLCs (Programmable Logic Controllers) for safety shutdowns.
- ⤷
How do I wire an NPN open collector output to a PLC?
- ⤷ What is the difference between the R 1/8 and NPT 1/8 thread types for this sensor?
- ⤷ Can this sensor be used for liquid pressure
- ⤷ or is it air-only?