PPD-A7H1N-R
AI

The **PPD-A7H1N-R** is a specific type of **DC-DC Converter module**, typically categorized as a Point-of-Load (POL) power supply. These components are designed to convert a higher DC input voltage into a regulated, lower DC output voltage suitable for sensitive electronic components like microprocessors, FPGAs, or DSPs.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the PPD-A7H1N-R series:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC | Standard wide-range input |
| **Output Voltage** | 5V / 12V / 15V (Model specific) | Regulated output |
| **Power Rating** | ~1.5W to 7W | Depending on the specific sub-variant |
| **Package Type** | Through-hole / DIP | Standard PCB mounting |
| **Isolation** | Isolated | Provides electrical separation between input/output |
---
### 2. Functional Electronic Sections
To understand the electronic "parts" within this module, it can be broken down into three functional blocks:
#### A. Input Filtering and Protection
* **Capacitor Bank:** Smooths the incoming DC voltage to prevent ripple from affecting the internal switching.
* **Protection Circuitry:** Often includes an undervoltage lockout (UVLO) to prevent the device from operating when the input power is too low.
#### B. The Power Stage (Switching Regulator)
* **PWM Controller:** An integrated circuit (IC) that controls the switching frequency and pulse width to maintain a steady output.
* **Power MOSFETs:** High-speed electronic switches that chop the DC input into a square wave.
* **Transformer/Inductor:** Stores and transfers energy through electromagnetic induction, also providing the "Isolating" barrier.
#### C. Output Rectification and Regulation
* **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back into DC.
* **Output Filter:** An LC (Inductor-Capacitor) filter that removes high-frequency noise, ensuring a clean DC output.
* **Feedback Loop:** An optocoupler or sensing circuit sends a signal back to the controller to adjust for load changes.
---
### 3. Common Applications
* **Industrial Automation:** Powering sensors and PLCs from a 24V rail.
* **Telecommunications:** Converting backplane power to board-level logic voltages.
* **Medical Equipment:** Utilizing the isolation feature for safety and noise reduction.
---
- ⤷
What is the exact output current rating for the PPD-A7H1N-R?
- ⤷ How does 'Isolation' in this module protect other electronic parts?
- ⤷ Are there surface-mount (SMD) equivalents to this part?