PPC-L128T-R80-XE
AI

The **PPC-L128T-R80-XE** is an industrial-grade Panel PC manufactured by **Advantech**. It belongs to the PPC-L128 series, designed for rugged applications such as factory automation, kiosk systems, and environmental monitoring.
Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Core Computing Hardware
The "R80-XE" variant typically indicates a configuration involving a specific processor and memory architecture optimized for reliability.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Processor (CPU)** | Intel Atom or Celeron | Low power consumption, fanless thermal design. |
| **Memory (RAM)** | DDR2 / DDR3 (up to 4GB) | Supports industrial-grade SO-DIMM modules. |
| **Chipset** | Intel Integrated | Manages I/O operations and graphics processing. |
| **Storage** | HDD / SSD / CF Card | Includes a 2.5" SATA bay and often a CompactFlash (CF) slot for OS redundancy. |
### 2. Display and Touch Interface
The panel is designed for human-machine interaction (HMI) in harsh environments.
* **LCD Panel:** 12.1" TFT LCD display.
* **Resolution:** 1024 x 768 (XGA) or 800 x 600 (SVGA) depending on specific sub-revision.
* **Touchscreen:** 5-wire Resistive touch sensor. This allows operation while wearing gloves and provides high durability against dust and moisture.
* **Backlight:** CCFL or LED (newer versions) with a high MTBF (Mean Time Between Failures) of 50,000 hours.
### 3. I/O Ports and Connectivity
The electronic "backplane" provides various interfaces for industrial sensors and networking.
| Port Type | Quantity | Purpose |
| :--- | :--- | :--- |
| **Ethernet** | 2x RJ45 | Dual Gigabit LAN for network redundancy. |
| **Serial Ports** | 2x to 4x | RS-232/422/485 for PLC and sensor communication. |
| **USB** | 4x USB 2.0 | For peripherals and maintenance. |
| **VGA/DVI** | 1x | Support for an external secondary display. |
| **Expansion Slot** | 1x PCI/PCIe | For adding specialized fieldbus cards or DAQ modules. |
### 4. Power and Environmental Protection
The electronic design emphasizes stability under electrical noise and physical stress.
* **Power Input:** 12V ~ 24V DC input (Industrial grade power protection).
* **Ruggedization:** The front panel is usually **IP65 rated**, meaning the electronics are protected against water jets and dust.
* **Fanless Design:** Uses a heavy-duty heatsink instead of a fan to prevent mechanical failure and dust intake.
---
### Summary of Key Features
1. **High EMI/EMC Compliance:** Designed to operate near heavy machinery without signal interference.
2. **Watchdog Timer:** A hardware electronic timer that automatically resets the system if the software freezes.
3. **Expansion Flexibility:** The R80-XE version often allows for specific riser cards to expand the electronic capabilities via PCI slots.
- ⤷What are the specific power supply requirements for the PPC-L128T-R80-XE?
- ⤷ Can the RAM in this model be upgraded to 8GB or more?
- ⤷ What operating systems are officially supported by this hardware?