công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PPC-6151C-RMAE

  • AI
    The **PPC-6151C-RMAE** is a high-performance industrial panel PC produced by Advantech. It is designed for heavy-duty industrial applications, featuring a modular design that integrates a touch display with a powerful computing unit. --- ### Core Electronic Specifications The system is built around the **6th Generation Intel Core i (Skylake)** platform, providing a balance between processing power and thermal efficiency. | Component | Specification Details | | :--- | :--- | | **CPU Support** | Intel Core i7-6600U / i5-6300U / i3-6100U / Celeron 3955U | | **Memory (RAM)** | 1 x SO-DIMM, DDR4 2133 MHz, up to 16 GB | | **Storage Interfaces** | 1 x 2.5" SATA HDD/SSD bay; 1 x mSATA slot | | **Display Panel** | 15" TFT LCD with LED Backlight | | **Resolution** | 1024 x 768 (XGA) | | **Touch Controller** | 5-wire Resistive (USB interface) | | **Expansion Slots** | 1 x Full-size Mini PCIe, 1 x PCIe x4 (or 1 x PCI) | --- ### I/O Connectivity and Signal Interfaces The electronic architecture includes a variety of industrial-grade communication ports protected against electromagnetic interference (EMI). * **Network (LAN):** Dual 10/100/1000 Mbps Ethernet ports (Intel I219LM and I211AT). * **Serial Communication:** * 1 x RS-232/422/485 (software selectable). * 1 x RS-232. * **USB Ports:** 4 x USB 3.0 ports for high-speed peripheral data transfer. * **Video Output:** 1 x VGA and 1 x HDMI 1.4 for dual independent display setups. --- ### Power Management Systems The PPC-6151C-RMAE is engineered to handle the unstable power environments typical of factory floors. 1. **Input Voltage:** Wide range DC input (12 ~ 24V DC). 2. **Power Protection:** Includes over-voltage, over-current, and reverse-polarity protection. 3. **Power Consumption:** Typically around 50W–60W depending on the CPU and peripheral load. --- ### Physical and Environmental Durability The electronics are encased to withstand harsh conditions: * **Front Panel IP Rating:** IP65 rated (protected against dust and water jets). * **Operating Temperature:** 0 ~ 50°C (32 ~ 122°F). * **Shock/Vibration:** Tested to IEC 60068-2-27 (Shock) and IEC 60068-2-64 (Vibration) standards.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting options for the PPC-6151C-RMAE?
    • ⤷ Can the RAM be upgraded beyond 16GB in this specific model?
    • ⤷ Which operating systems are officially supported by the PPC-6151C hardware?