PPC-312-RJ60A
AI

The **PPC-312-RJ60A** is an industrial-grade Panel PC designed by Advantech, featuring a 12.1" display and an Intel Atom platform. Below is a detailed breakdown of its core electronic components and technical specifications.
---
### 1. Core Computing Architecture
The "brain" of the device is centered around low-power, fanless processing designed for 24/7 industrial operation.
| Component | Specification |
| :--- | :--- |
| **Processor (CPU)** | Intel® Atom™ x6413E (Elkhart Lake) |
| **Clock Speed** | 1.50 GHz (Base) / 3.00 GHz (Burst) |
| **Cores/Threads** | 4 Cores / 4 Threads |
| **Memory (RAM)** | 1 x SO-DIMM DDR4 (Up to 32GB, 3200MHz) |
| **Graphics** | Integrated Intel® UHD Graphics |
### 2. Display and Touch Interface
The panel is designed for human-machine interface (HMI) applications, focusing on durability and visibility.
* **LCD Panel:** 12.1" TFT LED backlight display.
* **Resolution:** 1024 x 768 (XGA).
* **Luminance:** 600 $cd/m^2$ (high brightness for industrial environments).
* **Touch Controller:** Projected Capacitive (P-CAP) multi-touch or 5-wire resistive (depending on specific sub-model configuration).
* **Durability:** Front panel is IP66 rated (protection against dust and water jets).
### 3. Connectivity and I/O Ports
The electronic layout includes various ports for peripheral integration and industrial networking.
| Port Type | Quantity | Details |
| :--- | :--- | :--- |
| **Ethernet** | 2 | 10/100/1000 Mbps (RJ45) |
| **USB** | 4 | 2 x USB 3.0, 2 x USB 2.0 |
| **Serial/COM** | 2 | 1 x RS-232, 1 x RS-232/422/485 |
| **Video Out** | 1 | HDMI (Secondary display support) |
| **Expansion** | 2 | 1 x M.2 (Key E), 1 x M.2 (Key B) |
### 4. Power Circuitry
The device uses a wide-range DC input to accommodate various industrial power supplies.
* **Input Voltage:** 12V to 24V DC.
* **Power Consumption:** Typically around 30W - 40W depending on load.
* **Protection:** Includes over-voltage and over-current protection circuits.
---
### 5. Storage Options
The system utilizes solid-state technology to ensure vibration resistance.
```json
{
"Storage_Support": {
"Primary": "1 x M.2 (Key M, 2242/2280) SATA/PCIe",
"Secondary": "Optional 2.5 inch SATA Bay",
"External": "Micro SD Slot"
}
}
```
---
- ⤷
Does the PPC-312-RJ60A support Windows 11 IoT?
- ⤷ What are the mounting options for this specific panel PC?
- ⤷ Can the RAM be upgraded to dual-channel configuration?