AI

The **POW-2744P-B-R** is a high-sensitivity, omnidirectional electret condenser microphone (ECM) component. It is commonly used in consumer electronics, telecommunications, and audio recording devices due to its compact size and reliable performance.
---
### 1. Technical Specifications
Below are the primary electronic characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Electret Condenser Microphone (ECM) |
| **Directionality** | Omnidirectional (360° pickup) |
| **Sensitivity** | -44 ± 3 dB (0dB = 1V/Pa, 1kHz) |
| **Operating Voltage** | 2.0V (Standard), up to 10V (Max) |
| **Current Consumption** | 0.5 mA (Max) |
| **Frequency Range** | 20 Hz – 16,000 Hz |
| **Signal to Noise Ratio** | > 58 dB |
| **Impedance** | 2.2 kΩ (Max) |
| **Dimensions** | 6.0 mm (Diameter) x 2.7 mm (Height) |
---
### 2. Internal Electronic Structure
The POW-2744P-B-R operates based on a capacitive principle. It consists of several key internal parts:
* **The Diaphragm:** A thin, metallized plastic film that vibrates when hit by sound waves.
* **The Backplate:** A stationary plate that holds a permanent electrostatic charge (the "Electret").
* **The JFET (Internal Transistor):** Because the capacitance of the diaphragm is extremely small, the output impedance is very high. An internal Junction Field-Effect Transistor (JFET) acts as an impedance converter, transforming the high-impedance signal into a usable low-impedance signal.
---
### 3. Application Circuit
To use this component, you must provide a bias voltage through a load resistor ($R_L$).
```mermaid
[Vcc (2.0V)]
|
[RL (2.2kΩ)]
|
+----[ Coupling Capacitor (0.1uF to 10uF) ]----> Audio Out
|
[POW-2744P-B-R]
|
[GND]
```
---
### 4. Physical Termination
The **"P"** in the part number usually indicates **Pin-type** termination (solder pins), while the **"R"** often denotes compliance with **RoHS** environmental standards.
* **Terminal 1 (Output/Bias):** Connected to the JFET Drain.
* **Terminal 2 (Ground):** Connected to the metal case for shielding against EMI/RFI.
- ⤷
What is the recommended load resistor value for a 3.3V power supply?
- ⤷ How does the signal-to-noise ratio affect audio quality in this specific model?
- ⤷ Are there surface-mount (SMD) equivalents to the POW-2744P?