POW-2242L-C3310-B-R
AI

Based on the part number provided, the **POW-2242L-C3310-B-R** refers to a high-performance **Solid State Drive (SSD)**, typically associated with Samsung's OEM lineup (often the PM991 or PM991a series) or similar manufacturers providing components for laptops like Microsoft Surface or Dell devices.
---
### Technical Specifications
The following table breaks down the core electronic and physical characteristics of this component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Form Factor** | M.2 2242 | 22mm wide and 42mm long (Small form factor) |
| **Interface** | NVMe PCIe Gen3 x4 | High-speed data transfer protocol |
| **Capacity** | 128GB - 256GB | Common densities for this specific part code |
| **NAND Type** | TLC / V-NAND | 3D Triple-Level Cell flash memory |
| **Protocol** | NVMe 1.3 | Optimized for low latency and high IOPS |
| **Physical Key** | M-Key | Standard for PCIe/NVMe SSDs |
---
### Component Breakdown
### 1. The Controller
The "brain" of the SSD is an integrated circuit (IC) that manages data placement, wear leveling, and error correction (ECC). In this specific module series, the controller is often integrated with the NAND flash in a **Ball Grid Array (BGA)** package to save space.
### 2. NAND Flash Memory
The storage medium consists of non-volatile memory cells. Because this is a "2242" size drive, it uses high-density stacking technology to fit significant storage into a footprint roughly half the size of a standard desktop SSD (2280).
### 3. Power Management (PMIC)
The PCB includes a Power Management Integrated Circuit and several surface-mount capacitors/resistors. These components:
* Regulate the 3.3V input from the M.2 slot.
* Protect the NAND from voltage spikes.
* Manage thermal throttling if the drive exceeds safe operating temperatures.
---
### Comparison with Standard SSDs
| Feature | POW-2242L (This Part) | Standard Desktop SSD |
| :--- | :--- | :--- |
| **Length** | 42mm | 80mm |
| **Weight** | ~3-5 grams | ~7-10 grams |
| **Primary Use** | Tablets, Ultrabooks, Handhelds | PCs, Workstations, Consoles |
| **Power Draw** | Low (Optimized for battery) | Moderate to High |
---
- ⤷
Is this SSD compatible with a standard M.2 2280 slot?
- ⤷ What are the typical read/write speeds for this specific NVMe model?
- ⤷ Does this drive require a specific driver to work in Windows 11?